Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC908MR24 Datasheet (PDF) - Freescale Semiconductor, Inc

68HC908MR24 Datasheet PDF - Freescale Semiconductor, Inc
Part # 68HC908MR24
Download  68HC908MR24 Download
File Size   3929.14 Kbytes
Page   406 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

68HC908MR24 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC908MR24 Datasheet PDF - Freescale Semiconductor, Inc

Part # 68HC908MR24
Download  68HC908MR24 Click to download

File Size   3929.14 Kbytes
Page   406 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

68HC908MR24 Datasheet (HTML) - Freescale Semiconductor, Inc


68HC908MR24 Product details

Introduction
The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08 Family is based on the customer-specified integrated circuit (CSIC) design strategy. All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

Features
Features of the MC68HC908MR24 include:
• High-performance M68HC08 architecture
• Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
• 8-MHz internal bus frequency
• 24 Kbytes of on-chip electrically erasable in-circuit programmable read-only memory (FLASH)
• On-chip programming firmware for use with host personal computer
• FLASH data security1
• 768 bytes of on-chip random-access memory (RAM)
• 12-bit, 6-channel center-aligned or edge-aligned pulse-width modulator (PWMMC)
• Serial peripheral interface module (SPI)
• Serial communications interface module (SCI)
• 16-bit, 4-channel timer interface module (TIMA)
• 16-bit, 2-channel timer interface module (TIMB)
• Clock generator module (CGM)
• Low-voltage inhibit (LVI) module with software selectable trip points
• 10-bit, 10-channel analog-to-digital converter (ADC)
• System protection features:
   – Optional computer operating properly (COP) reset
   – Low-voltage detection with optional reset
   – Illegal opcode detection with optional reset
   – Illegal address detection with optional reset
   – Fault detection with optional PWM disabling
• 64-pin plastic quad flat pack (QFP)
• 56-pin shrink dual in-line package (SDIP)
• Low-power design (fully static with wait mode)
• Master reset pin (RST) and power-on reset (POR)

Features of the CPU08 include:
• Enhanced HC05 programming model
• Extensive loop control functions
• 16 addressing modes (eight more than the HC05)
• 16-bit index register and stack pointer
• Memory-to-memory data transfers
• Fast 8 × 8 multiply instruction
• Fast 16/8 divide instruction
• Binary-coded decimal (BCD) instructions
• Optimization for controller applications
• C language support




Similar Part No. - 68HC908MR24

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
68HC908MR24 NXP-68HC908MR24 Datasheet
3Mb / 418P
The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 1.0
More results


Similar Description - 68HC908MR24

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com