Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1244Y Datasheet (PDF) - Dallas Semiconductor

DS1244Y Datasheet PDF - Dallas Semiconductor
Part # DS1244Y
Download  DS1244Y Download
File Size   94.08 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 256K NV SRAM with Phantom Clock

DS1244Y Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1244Y Datasheet PDF - Dallas Semiconductor

Part # DS1244Y
Download  DS1244Y Click to download

File Size   94.08 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 256K NV SRAM with Phantom Clock

DS1244Y Datasheet (HTML) - Dallas Semiconductor


DS1244Y Product details

DESCRIPTION
The DS1244Y 256K NV SRAM with Phantom Clock is a fully static nonvolatile RAM (organized as 32,768 words by 8 bits) with a built–in real time clock. The DS1244Y has a self–contained lithium energy source and control circuitry which constantly monitors VCC for an out–of–tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent garbled data in both the memory and real time clock.

FEATURES
• Real time clock keeps track of hundredths of seconds, minutes, hours, days, date of the month, months, and years
• 32K x 8 NV SRAM directly replaces volatile static RAM or EEPROM
• Embedded lithium energy cell maintains calendar operation and retains RAM data
• Watch function is transparent to RAM operation
• Month and year determine the number of days in each month; volid up to 1200
• Standard 28–pin JEDEC pinout
• Full 10% operating range
• Operating temperature range 0°C to 70°C
• Accuracy is better than ±1 minute/month @ 25°C
• Over 10 years of data retention in the absence of power
• Available in 120, 150 and 200 ns access time




Similar Part No. - DS1244Y

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DS1244Y BURR-BROWN-DS1244Y Datasheet
292Kb / 17P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Dallas Semiconductor
DS1244Y-70 DALLAS-DS1244Y-70 Datasheet
288Kb / 19P
256k NV SRAM with Phantom Clock
logo
ARTSCHIP ELECTRONICS CO...
DS1244Y-70 ARTSCHIP-DS1244Y-70 Datasheet
446Kb / 16P
NV SRAM with Phantom Clock
logo
Dallas Semiconductor
DS1244YP-70 DALLAS-DS1244YP-70 Datasheet
288Kb / 19P
256k NV SRAM with Phantom Clock
logo
ARTSCHIP ELECTRONICS CO...
DS1244YP-70 ARTSCHIP-DS1244YP-70 Datasheet
446Kb / 16P
NV SRAM with Phantom Clock
More results


Similar Description - DS1244Y

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1243Y DALLAS-DS1243Y Datasheet
349Kb / 13P
64K NV SRAM with Phantom Clock
DS1631 DALLAS-DS1631 Datasheet
288Kb / 19P
256k NV SRAM with Phantom Clock
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
4096k NV SRAM with Phantom Clock
DS1251Y DALLAS-DS1251Y Datasheet
93Kb / 12P
4096K NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
64K NV SRAM with Phantom Clock
Rev 11/11
DS1244 MAXIM-DS1244 Datasheet
644Kb / 20P
256K NV SRAM with Phantom Clock
Rev 11/11
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
NV SRAM with Phantom Clock
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
NV SRAM with Phantom Clock
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com