Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1244 Datasheet (PDF) - Maxim Integrated Products

DS1244 Datasheet PDF - Maxim Integrated Products
Part # DS1244
Download  DS1244 Download
File Size   644.11 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 256K NV SRAM with Phantom Clock

DS1244 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1244 Datasheet PDF - Maxim Integrated Products

Part # DS1244
Download  DS1244 Click to download

File Size   644.11 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 256K NV SRAM with Phantom Clock

DS1244 Datasheet (HTML) - Maxim Integrated Products


DS1244 Product details

DESCRIPTION
The DS1244 256K NV SRAM with a Phantom clock is a fully static nonvolatile RAM (NV SRAM) (organized as 32K words by 8 bits) with a built-in real-time clock. The DS1244 has a self-contained lithium energy source and control circuitry, which constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent garbled data in both the memory and real-time clock.

FEATURES
■ Real-Time Clock (RTC) Keeps Track of Hundredths of Seconds, Minutes, Hours, Days, Date of the Month, Months, and Years
■ 32K x 8 NV SRAM Directly Replaces Volatile Static RAM or EEPROM
■ Embedded Lithium Energy Cell Maintains Calendar Operation and Retains RAM Data
■ Watch Function is Transparent to RAM Operation
■ Automatic Leap Year Compensation Valid Up to 2100
■ Full 10% Operating Range
■ Over 10 Years of Data Retention in the Absence of Power
■ Lithium Energy Source is Electrically Disconnected to Retain Freshness Until Power is Applied for the First Time
■ DIP Module Only
■ Standard 28-Pin JEDEC Pinout
■ PowerCap Module Board Only
    – Surface Mountable Package for Direct Connection to PowerCap Containing Battery and Crystal
    – Replaceable Battery (PowerCap)
    – Pin-for-Pin Compatible with DS1248P and DS1251P
■ Underwriters Laboratories (UL) Recognized




Similar Part No. - DS1244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DS1244 BURR-BROWN-DS1244 Datasheet
292Kb / 17P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
ARTSCHIP ELECTRONICS CO...
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
NV SRAM with Phantom Clock
logo
Dallas Semiconductor
DS1244P DALLAS-DS1244P Datasheet
288Kb / 19P
256k NV SRAM with Phantom Clock
logo
ARTSCHIP ELECTRONICS CO...
DS1244P ARTSCHIP-DS1244P Datasheet
446Kb / 16P
NV SRAM with Phantom Clock
logo
Dallas Semiconductor
DS1244W-120 DALLAS-DS1244W-120 Datasheet
288Kb / 19P
256k NV SRAM with Phantom Clock
More results


Similar Description - DS1244

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1243Y DALLAS-DS1243Y Datasheet
349Kb / 13P
64K NV SRAM with Phantom Clock
DS1631 DALLAS-DS1631 Datasheet
288Kb / 19P
256k NV SRAM with Phantom Clock
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
4096k NV SRAM with Phantom Clock
DS1244Y DALLAS-DS1244Y Datasheet
94Kb / 12P
256K NV SRAM with Phantom Clock
DS1251Y DALLAS-DS1251Y Datasheet
93Kb / 12P
4096K NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
64K NV SRAM with Phantom Clock
Rev 11/11
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
NV SRAM with Phantom Clock
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
NV SRAM with Phantom Clock
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com