Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250 Datasheet (PDF) - CTS Corporation

250 Datasheet PDF - CTS Corporation
Part # 250
Download  250 Download
File Size   1410.52 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial Composition 9mm Diameter Variable Resistors

250 Datasheet (PDF)

Go To PDF Page Download Datasheet
250 Datasheet PDF - CTS Corporation

Part # 250
Download  250 Click to download

File Size   1410.52 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial Composition 9mm Diameter Variable Resistors

250 Datasheet (HTML) - CTS Corporation




Similar Part No. - 250

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
High peak current carrying capability up to 6000A
logo
Ohmite Mfg. Co.
250 OHMITE-250 Datasheet
360Kb / 3P
Small size-to-power ratio.
logo
ebm-papst
250 EBMPAPST-250 Datasheet
375Kb / 3P
DC axial fans
250 EBMPAPST-250 Datasheet
704Kb / 3P
DC axial fans
250 EBMPAPST-250 Datasheet
345Kb / 3P
DC axial fans
More results


Similar Description - 250

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251 CTS-251 Datasheet
68Kb / 2P
Long life, 9mm diameter, composition element, variable resistor
270 CTS-270 Datasheet
1Mb / 6P
Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
Commercial Miniature 16mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
Carbon Composition Resistors
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com