Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

296 Datasheet (PDF) - CTS Corporation

296 Datasheet PDF - CTS Corporation
Part # 296
Download  296 Download
File Size   420.34 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 12mm Diameter Composition Variable Resistors

296 Datasheet (PDF)

Go To PDF Page Download Datasheet
296 Datasheet PDF - CTS Corporation

Part # 296
Download  296 Click to download

File Size   420.34 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 12mm Diameter Composition Variable Resistors

296 Datasheet (HTML) - CTS Corporation




Similar Part No. - 296

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
296 ALPHAWIRE-296 Datasheet
97Kb / 3P
Customer Specification
10/28/2022
296 ALPHAWIRE-296 Datasheet
97Kb / 3P
Customer Specification
2/21/2023
logo
Keystone Electronics Co...
296 KEYSTONE-296 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Texas Instruments
296-13494-1-ND TI-296-13494-1-ND Datasheet
1Mb / 30P
LAUNCHXL-F28379D Overview
2016-2019
296-23759-1-ND TI-296-23759-1-ND Datasheet
1Mb / 30P
LAUNCHXL-F28379D Overview
2016-2019
More results


Similar Description - 296

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
Commercial Composition 9mm Diameter Variable Resistors
251 CTS-251 Datasheet
68Kb / 2P
Long life, 9mm diameter, composition element, variable resistor
270 CTS-270 Datasheet
1Mb / 6P
Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
Carbon Composition Resistors
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
Commercial Miniature 16mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
Carbon Composition Resistors
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
Carbon Composition Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com