Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

406 Datasheet (PDF) - CTS Corporation

406 Datasheet PDF - CTS Corporation
Part # 406
Download  406 Download
File Size   149.37 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description 3.5 x 6.0 mm Ceramic - SM Crystal

406 Datasheet (PDF)

Go To PDF Page Download Datasheet
406 Datasheet PDF - CTS Corporation

Part # 406
Download  406 Click to download

File Size   149.37 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description 3.5 x 6.0 mm Ceramic - SM Crystal

406 Datasheet (HTML) - CTS Corporation




Similar Part No. - 406

ManufacturerPart #DatasheetDescription
logo
3M Electronics
406 3M-406 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
List of Unclassifed Man...
406 ETC-406 Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
Marathon Special Produc...
406 MARATHON-406 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
WECO ELECTRICAL CONNECT...
406 WECO-406 Datasheet
89Kb / 1P
Tab connector Lead distributor
01.21
logo
Enercon Technologies Eu...
406 ENERCON-406 Datasheet
687Kb / 2P
Miniature Portable Communication Grid for Dismounted Soldier
Jan 25, 2020
More results


Similar Description - 406

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PR1DD MTRONPTI-PR1DD Datasheet
291Kb / 2P
3.5 x 6.0 x 1.0 mm Surface Mount Crystals
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
logo
ILSI America LLC
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX08 ILSI-ILCX08 Datasheet
53Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
6.0 x 3.5 mm SMD Crystal
logo
C&K Components
PTS636 CK-COMPONENTS-PTS636 Datasheet
477Kb / 6P
6.0 x 3.5 Top Actuated
14 Nov 22
logo
Transko Electronics, In...
CS63A TRANSKO-CS63A Datasheet
237Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.0mm)
Rev. 5: 10-10-19
CS63B TRANSKO-CS63B Datasheet
239Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.1mm)
Rev. 4: 10-10-19
CS63C TRANSKO-CS63C Datasheet
255Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.4mm)
Rev 5: 10/18/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com