Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS63C Datasheet (PDF) - Transko Electronics, Inc.

CS63C Datasheet PDF - Transko Electronics, Inc.
Part # CS63C
Download  CS63C Download
File Size   255.46 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.4mm)

CS63C Datasheet (PDF)

Go To PDF Page Download Datasheet
CS63C Datasheet PDF - Transko Electronics, Inc.

Part # CS63C
Download  CS63C Click to download

File Size   255.46 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.4mm)

CS63C Datasheet (HTML) - Transko Electronics, Inc.


CS63C Product details

FEATURES:
• HIGH FREQUENCY RANGE
• LOW COST SMD PACKAGE
• LOW PROFILE / SUITABLE FOR REFLOW




Similar Part No. - CS63C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS63 VISHAY-CS63 Datasheet
92Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
CS63 VISHAY-CS63 Datasheet
78Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
logo
IXYS Corporation
CS630 IXYS-CS630 Datasheet
25Kb / 2P
Phase Control Thyristor
logo
HUAJING MICROELECTRONIC...
CS630 A4H HUAJING-MICRO-CS630 A4H Datasheet
841Kb / 10P
Silicon N-Channel Power MOSFET
2015 V01
logo
IXYS Corporation
CS630-12IO1 IXYS-CS630-12IO1 Datasheet
25Kb / 2P
Phase Control Thyristor
More results


Similar Description - CS63C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
406 CTS-406 Datasheet
149Kb / 4P
3.5 x 6.0 mm Ceramic - SM Crystal
logo
MTRONPTI
PR1DD MTRONPTI-PR1DD Datasheet
291Kb / 2P
3.5 x 6.0 x 1.0 mm Surface Mount Crystals
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
6.0 x 3.5 mm SMD Crystal
logo
C&K Components
PTS636 CK-COMPONENTS-PTS636 Datasheet
477Kb / 6P
6.0 x 3.5 Top Actuated
14 Nov 22
logo
Transko Electronics, In...
CS63A TRANSKO-CS63A Datasheet
237Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.0mm)
Rev. 5: 10-10-19
CS63B TRANSKO-CS63B Datasheet
239Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.1mm)
Rev. 4: 10-10-19
CS71 TRANSKO-CS71 Datasheet
151Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (7.0 x 1.5 x 1.4mm)
Rev. 2: Jan 10, 2018
CS84 TRANSKO-CS84 Datasheet
220Kb / 1P
CERAMIC SMD CRYSTAL (8.0 x 4.5 x 1.5mm)
Rev. 4: 10-10-19
TRSI6045F TRANSKO-TRSI6045F Datasheet
680Kb / 3P
Resin Shielded Inductor SMD (6.0 X 6.0 X 4.5mm)
Rev 2: 10-28-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com