Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS84 Datasheet (PDF) - Transko Electronics, Inc.

CS84 Datasheet PDF - Transko Electronics, Inc.
Part # CS84
Download  CS84 Download
File Size   220.74 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC SMD CRYSTAL (8.0 x 4.5 x 1.5mm)

CS84 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS84 Datasheet PDF - Transko Electronics, Inc.

Part # CS84
Download  CS84 Click to download

File Size   220.74 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC SMD CRYSTAL (8.0 x 4.5 x 1.5mm)

CS84 Datasheet (HTML) - Transko Electronics, Inc.


CS84 Product details

FEATURES:
• HIGH FREQUENCY RANGE
• LOW COST / LOW PROFILE
• INDUSTRY STANDARD PACKAGE




Similar Part No. - CS84

ManufacturerPart #DatasheetDescription
logo
SICK AG
CS84-N1112 SICK-CS84-N1112 Datasheet
1Mb / 7P
COLOR SENSORS
CS84-N3612 SICK-CS84-N3612 Datasheet
1Mb / 7P
COLOR SENSORS
CS84-P1112 SICK-CS84-P1112 Datasheet
1Mb / 7P
COLOR SENSORS
CS84-P3612 SICK-CS84-P3612 Datasheet
1Mb / 7P
COLOR SENSORS
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
More results


Similar Description - CS84

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSZT-CR ABRACON-AWSZT-CR Datasheet
1Mb / 2P
4.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
logo
AEL Crystals Ltd
X32K768S021 AEL-X32K768S021 Datasheet
41Kb / 1P
4.1 x 1.5mm SMD Watch Crystal
logo
Advanced Crystal Techno...
200A ACT-200A Datasheet
189Kb / 2P
8.0 x 3.8mm Watch crystal
01/02/2017
3215A ACT-3215A Datasheet
172Kb / 2P
3.2 x 1.5mm Watch crystal
01/02/2017
logo
TAITIEN ELECTRONICS CO....
AT-0007-XQ TAITIEN-AT-0007-XQ Datasheet
243Kb / 1P
8.0 x 4.5 mm Glass Seal SMD Crystal
AT-0008-XI TAITIEN-AT-0008-XI Datasheet
235Kb / 1P
10.8 x 4.5 mm Crystal
AT-0020-XJ TAITIEN-AT-0020-XJ Datasheet
255Kb / 1P
12.5 x 4.5 mm Crystal
logo
Transko Electronics, In...
CS83 TRANSKO-CS83 Datasheet
149Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (8.0 x 3.7 x 2.5mm)
Rev. 2: Jan 10, 2018
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
TSM75 TRANSKO-TSM75 Datasheet
426Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.5mm)
Rev.3: Jan. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com