Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

200A Datasheet (PDF) - Advanced Crystal Technology

200A Datasheet PDF - Advanced Crystal Technology
Part # 200A
Download  200A Download
File Size   189.67 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 8.0 x 3.8mm Watch crystal

200A Datasheet (PDF)

Go To PDF Page Download Datasheet
200A Datasheet PDF - Advanced Crystal Technology

Part # 200A
Download  200A Click to download

File Size   189.67 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 8.0 x 3.8mm Watch crystal

200A Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - 200A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200A E-SWITCH-200A Datasheet
414Kb / 4P
TOGGLE SWITCHES - SUB-MINIATURE
logo
AVX Corporation
200A0R1BCA150XT AVX-200A0R1BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
200A0R2BCA150XT AVX-200A0R2BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
200A0R3BCA150XT AVX-200A0R3BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
200A0R3CCA150XT AVX-200A0R3CCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
More results


Similar Description - 200A

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT1X5 ACT-ACT1X5 Datasheet
82Kb / 1P
Watch Crystal
03-10-07
logo
Golledge Electronics Lt...
MS1V GOLLEDGE-MS1V_06 Datasheet
60Kb / 1P
SM Watch Crystal
MS2V GOLLEDGE-MS2V_07 Datasheet
59Kb / 1P
SM Watch Crystal
logo
AEL Crystals Ltd
X32K768S021 AEL-X32K768S021 Datasheet
41Kb / 1P
4.1 x 1.5mm SMD Watch Crystal
logo
Golledge Electronics Lt...
CM7V04 GOLLEDGE-CM7V04 Datasheet
120Kb / 1P
SM Watch Crystal
logo
Advanced Crystal Techno...
3215A ACT-3215A Datasheet
172Kb / 2P
3.2 x 1.5mm Watch crystal
01/02/2017
J206SMX ACT-J206SMX Datasheet
179Kb / 2P
Watch crystal
01/02/2017
OJ00003GIHD-PF ACT-OJ00003GIHD-PF Datasheet
134Kb / 1P
Watch crystal
01/02/2017
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
2.0 x 1.2mm Watch crystal
1/02/2017
logo
TAI-SAW TECHNOLOGY CO.,...
TB0678A TAI-SAW-TB0678A Datasheet
326Kb / 6P
SAW Filter 750MHz SMD 3.8mm X 3.8mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com