Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3215A Datasheet (PDF) - Advanced Crystal Technology

3215A Datasheet PDF - Advanced Crystal Technology
Part # 3215A
Download  3215A Download
File Size   172.84 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 3.2 x 1.5mm Watch crystal

3215A Datasheet (PDF)

Go To PDF Page Download Datasheet
3215A Datasheet PDF - Advanced Crystal Technology

Part # 3215A
Download  3215A Click to download

File Size   172.84 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 3.2 x 1.5mm Watch crystal

3215A Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - 3215A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3215 MOLEX-3215 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
List of Unclassifed Man...
3215 ETC2-3215 Datasheet
68Kb / 1P
WASHERS
logo
Molex Electronics Ltd.
3215 MOLEX-3215 Datasheet
57Kb / 1P
3.96mm (.156") Pitch PC Board Connector
logo
Keystone Electronics Co...
3215 KEYSTONE-3215 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Molex Electronics Ltd.
3215-HR19G1C MOLEX3-3215-HR19G1C Datasheet
210Kb / 4P
3.96mm (.156") Pitch KK PC Board Connector, Right Angle, Nylon Connector
More results


Similar Description - 3215A

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
X32K768S021 AEL-X32K768S021 Datasheet
41Kb / 1P
4.1 x 1.5mm SMD Watch Crystal
logo
P-tec Corporation
PL00190-WCA02 P-TEC-PL00190-WCA02 Datasheet
124Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-WCA03 P-TEC-PL00190-WCA03 Datasheet
124Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-WCB11 P-TEC-PL00190-WCB11 Datasheet
28Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-WCG10 P-TEC-PL00190-WCG10 Datasheet
124Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-WCG25 P-TEC-PL00190-WCG25 Datasheet
129Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-WCY22 P-TEC-PL00190-WCY22 Datasheet
125Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-YDW01 P-TEC-PL00190-YDW01 Datasheet
126Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
logo
Advanced Crystal Techno...
200A ACT-200A Datasheet
189Kb / 2P
8.0 x 3.8mm Watch crystal
01/02/2017
logo
Fox Electronics
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com