Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS71 Datasheet (PDF) - Transko Electronics, Inc.

CS71 Datasheet PDF - Transko Electronics, Inc.
Part # CS71
Download  CS71 Download
File Size   151.58 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description PLASTIC MOLDED SMD TUNING FORK CRYSTAL (7.0 x 1.5 x 1.4mm)

CS71 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS71 Datasheet PDF - Transko Electronics, Inc.

Part # CS71
Download  CS71 Click to download

File Size   151.58 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description PLASTIC MOLDED SMD TUNING FORK CRYSTAL (7.0 x 1.5 x 1.4mm)

CS71 Datasheet (HTML) - Transko Electronics, Inc.


CS71 Product details

FEATURES:
• MINITURE TUNING FORK CRYSTAL
• LOW PROFILE FOR HIGH DENSITY PCB DESIGN
• INDUSTRIAL OPERATING TEMPERATURE RANGE (-40°C ~ 85°C)




Similar Part No. - CS71

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS71 VISHAY-CS71 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
logo
Apacer Technology Inc.
CS710-CF APACER-CS710-CF Datasheet
2Mb / 5P
Apacer industrial CS710-CF card
logo
Vishay Siliconix
CS7103001K500B8968 VISHAY-CS7103001K500B8968 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
CS7103001K500B9123 VISHAY-CS7103001K500B9123 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
CS710300R1500B8968 VISHAY-CS710300R1500B8968 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
More results


Similar Description - CS71

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
Transko Electronics, In...
1X5 TRANSKO-1X5 Datasheet
389Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (1.5 x 5.1mm)
Rev.1: Jul. 2014
CS1041 TRANSKO-CS1041 Datasheet
244Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)
Rev. 0: Aug, 2020
CS1042 TRANSKO-CS1042 Datasheet
244Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)
Rev. 0: Aug, 2020
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS31 TRANSKO-CS31 Datasheet
362Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.2: Nov. 2014
CS83 TRANSKO-CS83 Datasheet
149Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (8.0 x 3.7 x 2.5mm)
Rev. 2: Jan 10, 2018
CX31 TRANSKO-CX31 Datasheet
298Kb / 2P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.0: 11-12-2020
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com