Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS71 Datasheet (PDF) - Vishay Siliconix

CS71 Datasheet PDF - Vishay Siliconix
Part # CS71
Download  CS71 Download
File Size   60.68 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound, 300 W Liquid Cooled Load Resistor

CS71 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS71 Datasheet PDF - Vishay Siliconix

Part # CS71
Download  CS71 Click to download

File Size   60.68 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound, 300 W Liquid Cooled Load Resistor

CS71 Datasheet (HTML) - Vishay Siliconix


CS71 Product details

• Insulation is fitted over copper tubing
• Resistance element alloy wire is precisely wound onto the
tube and then spot welded to the terminal bands
• Wire is “locked” onto the core with a silicone coating
• Units can be wound non-inductively with Ayrton-Perry
winding for the lowest reactive component




Similar Part No. - CS71

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CS71 TRANSKO-CS71 Datasheet
151Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (7.0 x 1.5 x 1.4mm)
Rev. 2: Jan 10, 2018
logo
Apacer Technology Inc.
CS710-CF APACER-CS710-CF Datasheet
2Mb / 5P
Apacer industrial CS710-CF card
logo
List of Unclassifed Man...
CS7107GN ETC2-CS7107GN Datasheet
283Kb / 5P
Three and a half with a LED display driver A/D converter circuit
CS7107GP ETC2-CS7107GP Datasheet
283Kb / 5P
Three and a half with a LED display driver A/D converter circuit
More results


Similar Description - CS71

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC40 POWER-ONE-ABC40 Datasheet
556Kb / 4P
40 W convection cooled, No minimum load required - single output models
ABC150 POWER-ONE-ABC150 Datasheet
542Kb / 4P
110 W convection cooled, No minimum load required
logo
XP Power Limited
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
ECM40 XPPOWER-ECM40 Datasheet
3Mb / 21P
Full Load Available Convection Cooled
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
logo
Vishay Siliconix
DCRF VISHAY-DCRF Datasheet
143Kb / 5P
Direct Water Cooled Wirewound Resistor
16-Nov-17
SPR2232 VISHAY-SPR2232 Datasheet
61Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
WCR VISHAY-WCR Datasheet
105Kb / 4P
Water Cooled Wirewound Resistor
16-Nov-17
logo
Stackpole Electronics, ...
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
Fusing Wirewound Resistor
4/30/2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com