Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS71 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CS71
Description  Wirewound, 300 W Liquid Cooled Load Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS71 Datasheet(HTML) 1 Page - Vishay Siliconix

  CS71 Datasheet HTML 1Page - Vishay Siliconix CS71 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS71
www.vishay.com
Vishay Milwaukee
Revision: 13-Aug-14
1
Document Number: 31872
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound, 300 W Liquid Cooled Load Resistor
FEATURES
• Insulation is fitted over copper tubing
• Resistance element alloy wire is precisely wound onto the
tube and then spot welded to the terminal bands
• Wire is “locked” onto the core with a silicone coating
• Units can be wound non-inductively with Ayrton-Perry
winding for the lowest reactive component
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
POWER RATING
W
RESISTANCE RANGE
TOLERANCE
± %
CS71
300
0.25 to 37K
5
DIMENSIONS in inches
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Power rating
W
300 cooled with 1 gal/min of 17 °C water
Resistance range
0.25 to 37K
Resistance tolerance
%
5 (standard)
Dielectric withstanding voltage
VAC
3000 RMS
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: CS710300R3000B1234 (CS71 300 W 0.3
 Bulk 1234)
C
S
710
300
R
3
0
0
0
B
91
23
MODEL
(2 digits)
TYPE
(2 digits)
SIZE
(4 digits)
VALUE
(5 digits)
PACKAGING
(1 digit)
SPECIAL
(4 digits)
CS
71 = watercooledSample Sizes:
K = thousand
0300 = 300 W
Sample Sizes:
R = decimal
K = thousand
R1500 = 0.15
1K500 = 1.5 k
resultant wattage
B = bulk
9123 = inductive
8968 = noninductive
9 1/2 ± 1/8
2 1/4 ± 1/32
2 1/4 ± 1/32
1 1/2 ± 1/16
bare tube
1 1/2 ± 1/16
bare tube
1/4


Similar Part No. - CS71

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CS71 TRANSKO-CS71 Datasheet
151Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (7.0 x 1.5 x 1.4mm)
Rev. 2: Jan 10, 2018
logo
Apacer Technology Inc.
CS710-CF APACER-CS710-CF Datasheet
2Mb / 5P
Apacer industrial CS710-CF card
logo
List of Unclassifed Man...
CS7107GN ETC2-CS7107GN Datasheet
283Kb / 5P
Three and a half with a LED display driver A/D converter circuit
CS7107GP ETC2-CS7107GP Datasheet
283Kb / 5P
Three and a half with a LED display driver A/D converter circuit
More results

Similar Description - CS71

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC40 POWER-ONE-ABC40 Datasheet
556Kb / 4P
40 W convection cooled, No minimum load required - single output models
ABC150 POWER-ONE-ABC150 Datasheet
542Kb / 4P
110 W convection cooled, No minimum load required
logo
XP Power Limited
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
ECM40 XPPOWER-ECM40 Datasheet
3Mb / 21P
Full Load Available Convection Cooled
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
logo
Vishay Siliconix
DCRF VISHAY-DCRF Datasheet
143Kb / 5P
Direct Water Cooled Wirewound Resistor
16-Nov-17
SPR2232 VISHAY-SPR2232 Datasheet
61Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
WCR VISHAY-WCR Datasheet
105Kb / 4P
Water Cooled Wirewound Resistor
16-Nov-17
logo
Stackpole Electronics, ...
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
Fusing Wirewound Resistor
4/30/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com