Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS63C Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS63C
Description  CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.4mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS63C Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS63C Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
CS63C
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev 5: 10/18/2022
RoHS
Compliant
Pb in glass exempt per
RoHS 2002/95/EC Annex (7c1)
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.4mm)
FEATURES:
•
HIGH FREQUENCY RANGE
•
LOW COST SMD PACKAGE
•
LOW PROFILE / SUITABLE FOR REFLOW
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
7.000MHz ~ 200.000MHz
FREQUENCY TOLERANCE @ 25ºC
±10ppm ~ ±50ppm (See P/N guide for other options)
FREQUENCY STABILITY
±10ppm ~ ±50ppm (See P/N guide for other options)
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-
55°C ~ 125°C
LOAD CAPACITANCE
STD: 18pF (See P/N guide for other options)
SHUNT CAPACITANCE
5.0pF max.
INSULATION RESISTANCE
500M
 min. @ 100VDC ± 15VDC
DRIVE LEVEL
300µW max
AGING @ 25°C ± 3°C
±3.0ppm / 1st year max.
EQUIVALENT SERIES RESISTANCE
Fundamental:
7.000MHz ~ 12.000MHz: 100
 max.
Fundamental: 12.001MHz ~ 14.000MHz: 60
 max.
Fundamental: 14.001MHz ~ 54.000MHz: 40
 max.
3rd overtone: 40.000MHz ~ 200.000MHz: 80
 max.
OPERATION MODE
AT cut, Fundamental or 3rd overtone
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ REFLOW PROFILE
Note: Consult factory for detail
Unit :mm
Pin Configuration
1
Xtal
2
Xtal
Unit : mm
6±0.15
Marking
2
1
3.0
Mode
F: Fundamental
T:
3rd overtone
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for
Stability
Load Capacitance
08: 8pF
20: 20pF
10: 10pF
22: 22pF
12: 12pF
24: 24pF
16: 16pF
28: 28pF
18: 18pF
32: 32pF
S: Series
Other Options
TR: Tape and reel
CS63C
20.000M
HM
00
F
08
00
TR
Tolerance @ 25°C
00: ± 100ppm
50: ± 50ppm
30: ± 30ppm
25: ± 25ppm
10: ± 10ppm
XX: Two digit for Tolerance
Operating Temperature
Frequency
M: MHz
00
0.1
255 ±5°C
150 ±5°C
Pre-heating
Soldering
<10 Sec
<120 Sec
4.2
2.2
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H:
0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom


Similar Part No. - CS63C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS63 VISHAY-CS63 Datasheet
92Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
CS63 VISHAY-CS63 Datasheet
78Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
logo
IXYS Corporation
CS630 IXYS-CS630 Datasheet
25Kb / 2P
Phase Control Thyristor
logo
HUAJING MICROELECTRONIC...
CS630 A4H HUAJING-MICRO-CS630 A4H Datasheet
841Kb / 10P
Silicon N-Channel Power MOSFET
2015 V01
logo
IXYS Corporation
CS630-12IO1 IXYS-CS630-12IO1 Datasheet
25Kb / 2P
Phase Control Thyristor
More results

Similar Description - CS63C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
406 CTS-406 Datasheet
149Kb / 4P
3.5 x 6.0 mm Ceramic - SM Crystal
logo
MTRONPTI
PR1DD MTRONPTI-PR1DD Datasheet
291Kb / 2P
3.5 x 6.0 x 1.0 mm Surface Mount Crystals
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
6.0 x 3.5 mm SMD Crystal
logo
C&K Components
PTS636 CK-COMPONENTS-PTS636 Datasheet
477Kb / 6P
6.0 x 3.5 Top Actuated
14 Nov 22
logo
Transko Electronics, In...
CS63A TRANSKO-CS63A Datasheet
237Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.0mm)
Rev. 5: 10-10-19
CS63B TRANSKO-CS63B Datasheet
239Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.1mm)
Rev. 4: 10-10-19
CS71 TRANSKO-CS71 Datasheet
151Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (7.0 x 1.5 x 1.4mm)
Rev. 2: Jan 10, 2018
CS84 TRANSKO-CS84 Datasheet
220Kb / 1P
CERAMIC SMD CRYSTAL (8.0 x 4.5 x 1.5mm)
Rev. 4: 10-10-19
TRSI6045F TRANSKO-TRSI6045F Datasheet
680Kb / 3P
Resin Shielded Inductor SMD (6.0 X 6.0 X 4.5mm)
Rev 2: 10-28-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com