Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

357SA3I Datasheet (PDF) - CTS Corporation

357SA3I Datasheet PDF - CTS Corporation
Part # 357SA3I
Download  357SA3I Download
File Size   501.0 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description 5x7mm Low Cost Surface Mount VCXO

357SA3I Datasheet (PDF)

Go To PDF Page Download Datasheet
357SA3I Datasheet PDF - CTS Corporation

Part # 357SA3I
Download  357SA3I Click to download

File Size   501.0 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description 5x7mm Low Cost Surface Mount VCXO

357SA3I Datasheet (HTML) - CTS Corporation


357SA3I Product details

♦ Frequency Stability to ±20 PPM

♦ +3.3Vdc or +5.0Vdc Operation

♦ HCMOS Output

♦ Operating Temperature to –40°C to +85°C

♦ Output Enable Standard

♦ Tape & Reel Packaging

♦ Pb Free



 




Similar Part No. - 357SA3I

ManufacturerPart #DatasheetDescription
logo
3M Electronics
357 3M-357 Datasheet
902Kb / 3P
3M™ Power Clamp Branch Connector
20-Dec-2009
logo
Vishay Siliconix
357 VISHAY-357 Datasheet
126Kb / 3P
7/8" diameter single turn
17-Apr-13
logo
Energizer
357 ENERGIZER-357 Datasheet
73Kb / 1P
Silver Oxide Batteries
logo
Vishay Siliconix
357 VISHAY-357 Datasheet
99Kb / 4P
(22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
18-Oct-2021
logo
EDAC, All Rights Reserv...
357 EDAC-357 Datasheet
270Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
More results


Similar Description - 357SA3I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2727 ICST-MK2727 Datasheet
55Kb / 4P
Low Cost 27 MHz VCXO
Revision 111600
MK2754 ICST-MK2754 Datasheet
57Kb / 4P
Low Cost 54 MHz VCXO
Revision 011698
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
logo
Connor-Winfield Corpora...
D75AS-020.0M CONNOR-WINFIELD-D75AS-020.0M Datasheet
119Kb / 2P
5x7mm Surface Mount High Precision TCXO
D75F-013.0M CONNOR-WINFIELD-D75F-013.0M Datasheet
117Kb / 2P
5x7mm Surface Mount High Precision TCXO
T533D5 CONNOR-WINFIELD-T533D5 Datasheet
218Kb / 2P
3.3V 5X7mm SURFACE MOUNT TCXO
logo
Wolfgang Knap
VAA-WK WK-VAA-WK Datasheet
39Kb / 1P
5x7mm SMT VCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com