Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2727 Datasheet (PDF) - Integrated Circuit Systems

MK2727 Datasheet PDF - Integrated Circuit Systems
Part # MK2727
Download  MK2727 Download
File Size   55.53 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost 27 MHz VCXO

MK2727 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2727 Datasheet PDF - Integrated Circuit Systems

Part # MK2727
Download  MK2727 Click to download

File Size   55.53 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost 27 MHz VCXO

MK2727 Datasheet (HTML) - Integrated Circuit Systems


MK2727 Product details

Description
The MK2727 is MicroClock’s lowest cost, low jitter, high performance VCXO and PLL clock synthesizer designed to replace expensive 27MHz VCXOs. The on-chip Voltage Controlled Crystal Oscillator accepts a 0 to 3V input voltage to cause the output clocks to vary by ±100 ppm. Using MicroClock’s patented VCXO and analog PhaseLocked Loop (PLL) techniques, the device uses an inexpensive external 13.5 MHz pullable crystal input to produce a 27 MHz output clock.

Features
• Packaged in 8 pin narrow SOIC
• Uses an inexpensive 13.500 MHz external crystal
• On-chip VCXO (patented) with pull range of 200ppm (minimum)
• VCXO tuning voltage of 0 to 3V
• 25mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 5V operating voltage




Similar Part No. - MK2727

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
LOW COST 27 MHZ VCXO
051310
MK2727SLF RENESAS-MK2727SLF Datasheet
327Kb / 8P
LOW COST 27 MHZ VCXO
051310
MK2727SLFTR RENESAS-MK2727SLFTR Datasheet
327Kb / 8P
LOW COST 27 MHZ VCXO
051310
More results


Similar Description - MK2727

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2754 ICST-MK2754 Datasheet
57Kb / 4P
Low Cost 54 MHz VCXO
Revision 011698
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
logo
Pericom Semiconductor C...
PI6CX100-272 PERICOM-PI6CX100-272 Datasheet
235Kb / 4P
27 MHz 3.3V VCXO
logo
Cypress Semiconductor
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
MediaClock 27-MHz VCXO Clock Generator
logo
TAI-SAW TECHNOLOGY CO.,...
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
7.0x5.0 VCXO 27 MHz
logo
Cypress Semiconductor
CY2VC511 CYPRESS-CY2VC511 Datasheet
225Kb / 7P
27 MHz Clock Generator with VCXO
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
LOW COST 27 MHZ VCXO
051310
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com