Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F3037 Datasheet (PDF) - NXP Semiconductors

74F3037 Datasheet PDF - NXP Semiconductors
Part # 74F3037
Download  74F3037 Download
File Size   71.5 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input NAND 30ohm driver

74F3037 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F3037 Datasheet PDF - NXP Semiconductors

Part # 74F3037
Download  74F3037 Click to download

File Size   71.5 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input NAND 30ohm driver

74F3037 Datasheet (HTML) - NXP Semiconductors


74F3037 Product details

DESCRIPTION
The 74F3037 is a high current line driver composed of four2–input NAND gates. It has been designed to deal with the transmission line effects of PC boards which appear when fast edge rates are used.

FEATURES
• 30Ω line driver
• 67mA output drive capability in the high state
• High speed
• Facilitates incident wave switching
• 3nh lead inductance each on VCCand GND when bothside pins are used
• 160mA output drive capability in the low state
• Industrial temperature range available (–40°C to +85°C)




Similar Part No. - 74F3037

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F3038 PHILIPS-74F3038 Datasheet
72Kb / 8P
Quad 2-input NAND 30 ohm line driver open collector
1998 May 21
More results


Similar Description - 74F3037

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
QUAD 2-INPUT NAND BUFFER
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
DM54L00 NSC-DM54L00 Datasheet
82Kb / 4P
Quad 2-Input NAND Gates
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com