Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F3038 Datasheet (PDF) - NXP Semiconductors

74F3038 Datasheet PDF - NXP Semiconductors
Part # 74F3038
Download  74F3038 Download
File Size   72.7 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input NAND 30 ohm line driver open collector

74F3038 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F3038 Datasheet PDF - NXP Semiconductors

Part # 74F3038
Download  74F3038 Click to download

File Size   72.7 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input NAND 30 ohm line driver open collector

74F3038 Datasheet (HTML) - NXP Semiconductors


74F3038 Product details

DESCRIPTION
The 74F3038 is a high current Open-Collector Line Driver composed of four 2-input NAND gates. It has been designed to deal with the transmission line effects of PC boards which appear when fast edge rates are used.
The 74F3038 can sink 160mA with a VCC as low as 4.5V. This guarantees incident wave switching with VOL not more than 0.8V while driving impedances as low as 30Ω. This is applicable with any combination of outputs using continuous duty.

FEATURES
• 30Ω line driver
• 160mA output drive capability
• High speed
• Facilitates incident wave switching
• 3nh lead inductance each on VCC and GND when both side pins are used




Similar Part No. - 74F3038

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F3037 PHILIPS-74F3037 Datasheet
71Kb / 8P
Quad 2-input NAND 30ohm driver
1990 Feb 09
More results


Similar Description - 74F3038

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM5403 NSC-DM5403 Datasheet
93Kb / 4P
Quad 2-Input NAND Gates with Open-Collector Outputs
logo
NXP Semiconductors
74ALS38A PHILIPS-74ALS38A Datasheet
85Kb / 7P
Quad 2-Input NAND buffer open collector
1991 Feb 08
74F38 PHILIPS-74F38 Datasheet
70Kb / 8P
Quad 2-input NAND buffer open collector
1990 Oct 04
logo
Fairchild Semiconductor
DM7403 FAIRCHILD-DM7403 Datasheet
35Kb / 3P
Quad 2-Input NAND Gates with Open-Collector Outputs
DM7438 FAIRCHILD-DM7438 Datasheet
72Kb / 5P
Quad 2-Input NAND Buffers with Open-Collector Outputs
DM74ALS03B FAIRCHILD-DM74ALS03B Datasheet
48Kb / 4P
Quad 2-Input NAND Gate with Open Collector Outputs
DM74LS03 FAIRCHILD-DM74LS03 Datasheet
48Kb / 4P
Quad 2-Input NAND Gates with Open-Collector Outputs
logo
National Semiconductor ...
DM7401 NSC-DM7401 Datasheet
97Kb / 4P
Quad 2-Input NAND Gates with Open-Collector Outputs
54LS38 NSC-54LS38 Datasheet
62Kb / 2P
QUAD 2-INPUT NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Motorola, Inc
MC5403L MOTOROLA-MC5403L Datasheet
204Kb / 2P
QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com