Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F3040 Datasheet (PDF) - NXP Semiconductors

74F3040 Datasheet PDF - NXP Semiconductors
Part # 74F3040
Download  74F3040 Download
File Size   71.42 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 4-input NAND 30 ohm line driver

74F3040 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F3040 Datasheet PDF - NXP Semiconductors

Part # 74F3040
Download  74F3040 Click to download

File Size   71.42 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 4-input NAND 30 ohm line driver

74F3040 Datasheet (HTML) - NXP Semiconductors


74F3040 Product details

DESCRIPTION
The 74F3040 is a high current Line Driver composed of two 4-input NAND gates. It has been designed to deal with the transmission line effects of PC boards which appear when fast edge rates are used.
The drive capability of the 74F3040 is 67mA source and 160mA sink with a VCC as low as 4.5V. This guarantees incident wave switching with VOH not less than 2.0V and VOL not more than 0.8V while driving impedances as low as 30Ω. This is applicable with any combination of outputs using continuous duty.

FEATURES
• 30Ω line driver
• 160mA output drive capability in the Low state
• 67mA output drive capability in the High state
• High speed
• Facilitates incident wave switching
• 3nh lead inductance each on VCC and GND when both side pins are used




Similar Part No. - 74F3040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F30 PHILIPS-74F30 Datasheet
68Kb / 8P
8-input NAND gate
1989 Mar 03
logo
Fairchild Semiconductor
74F30 FAIRCHILD-74F30 Datasheet
48Kb / 4P
8-Input NAND Gate
74F30 FAIRCHILD-74F30 Datasheet
66Kb / 5P
8-Input NAND Gate
logo
NXP Semiconductors
74F30240 PHILIPS-74F30240 Datasheet
81Kb / 10P
Octal 30ohm line driver with enable, non-inverting open collector
1999 Jan 08
74F30244 PHILIPS-74F30244 Datasheet
81Kb / 10P
Octal 30ohm line driver with enable, non-inverting open collector
1999 Jan 08
More results


Similar Description - 74F3040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F3038 PHILIPS-74F3038 Datasheet
72Kb / 8P
Quad 2-input NAND 30 ohm line driver open collector
1998 May 21
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
DUAL 4-INPUT NAND GATE
Jul-2001
logo
Texas Instruments
SN54S140 TI-SN54S140 Datasheet
506Kb / 12P
DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
logo
Fairchild Semiconductor
DM74S140 FAIRCHILD-DM74S140 Datasheet
35Kb / 3P
Dual 4-Input NAND 50??Line Driver
logo
Texas Instruments
74S140 TI-74S140 Datasheet
88Kb / 1P
DUAL 4-INPUT NAND LINE DRIVER
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
Unisonic Technologies
U74HCT20 UTC-U74HCT20_15 Datasheet
167Kb / 4P
DUAL 4-INPUT NAND GATES
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Texas Instruments
SN54S140 TI1-SN54S140_14 Datasheet
835Kb / 16P
DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com