Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet (PDF) - Analog Devices

LTC4331 Datasheet PDF - Analog Devices
Part # LTC4331
Download  LTC4331 Download
File Size   242.47 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C Slave Device Extender Over Rugged Differential Link

LTC4331 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4331 Datasheet PDF - Analog Devices

Part # LTC4331
Download  LTC4331 Click to download

File Size   242.47 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C Slave Device Extender Over Rugged Differential Link

LTC4331 Datasheet (HTML) - Analog Devices


LTC4331 Product details

DESCRIPTION
The LTC®4331 is a point-to-point SMBus compatible I2C
slave device extender designed for operation in high noise
industrial environments. Using a ±60V fault protected
differential transceiver, the LTC4331 can extend an I2C/
SMBus bus, including SMBALERT and a control signal,
over a single twisted pair differential link up to 1200m.
With an extended common mode operating range the
solution provides tolerance to large ground differences
between nodes. For EMI sensitive environments, a slew
rate control pin reduces the EMI emitted from the differential
link.
In addition, the LTC4331 can act as an I2C to I2C bridge
allowing independent bus frequencies between the local
and remote networks. The solution is completely transparent
to the master requiring no additional code in most
cases; however, a control interface is provided for additional
configuration and fault monitoring.
A master controller fully supporting SCL clock-stretching
is strongly recommended.

FEATURES
- Up to 1MHz Serial Clock, Fast-mode Plus (Fm+)
- Selectable Link Baud Rates Extend I2C Up to 1200m
- Protected from Overvoltage Line Faults to ±60V
- ±40kV ESD on Link Pins
- IEC Level 4 ESD ±8kV and EFT ±5kV on Link Pins
- Extended Common Mode Range: ±15V
- Remote Interrupt/SMBALERT and Control Signals
- Low EMI Mode
- SMBus 3.0 Compatible
- I2C Idle Detection, and Stuck Bus Protection
- I2C Device Address Sharing
- 3V to 5.5V Supply Voltage
- 1.62V to 5.5V Logic Supply
- 4mm × 5mm 20-Lead QFN package

APPLICATIONS
- Industrial Control and Sensors
- Lighting and Sound System Control




Similar Part No. - LTC4331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
02/21-REV.A
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
Rev. B
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
SPI Extender Over Rugged Differential Link
Rev. A
More results


Similar Description - LTC4331

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
I2C bus extender
1998 Jan 09
logo
Digital Core Design
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
I2C Bus Interface - Slave
logo
NXP Semiconductors
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
I2C BUS EXTENDER
logo
NXP Semiconductors
P82B715TD-T NXP-P82B715TD-T Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
I2C Bus Extender
logo
Future Technology Devic...
FT201XQ-T FTDI-FT201XQ-T Datasheet
1Mb / 49P
USB I2C SLAVE IC
logo
Cypress Semiconductor
CY7C65221 CYPRESS-CY7C65221 Datasheet
534Kb / 24P
Dual I2C Slave Bridge
logo
Analog Devices
LTC4332 AD-LTC4332 Datasheet
432Kb / 20P
SPI Extender Over Rugged Differential Link
LTC4332 AD-LTC4332_V01 Datasheet
1Mb / 22P
SPI Extender Over Rugged Differential Link
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com