Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4332 Datasheet (PDF) - Analog Devices

LTC4332 Datasheet PDF - Analog Devices
Part # LTC4332_V01
Download  LTC4332 Download
File Size   1436.05 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI Extender Over Rugged Differential Link

LTC4332 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4332 Datasheet PDF - Analog Devices

Part # LTC4332_V01
Download  LTC4332 Click to download

File Size   1436.05 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI Extender Over Rugged Differential Link

LTC4332 Datasheet (HTML) - Analog Devices


LTC4332 Product details

DESCRIPTION
The LTC®4332 is a point-to-point rugged SPI extender
designed for operation in high noise industrial environments
over long distances. Using a ±60V fault protected
differential transceiver, the LTC4332 can transmit SPI data,
including an interrupt signal, up to 2MHz over two twisted
pair cables. The extended common mode range and high
common mode rejection on the differential link provides
tolerance to large ground differences between nodes.
The LTC4332 provides a control interface using a separate
slave select for configuration and fault monitoring.

FEATURES
- 2MHz SCK Over 10m, Operation Up to 1200m
- Three Extended Slave Selects
- Protected from Overvoltage Lines Fault to ±60V
- ±40kV HBM ESD on Link Pins
- IEC ESD ±6kV and EFT ±4kV on Link Pins
- Extended Common Mode Range: ±25V
- Extended Interrupt
- Separate Programmable SPI Modes
- 3V to 5.5V Supply Voltage
- 1.62V to 5.5V Logic Supply
- 4mm × 5mm 20-Lead QFN Package

APPLICATIONS
- Industrial Control and Sensors
- Lighting and Sound System Control




Similar Part No. - LTC4332_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4332 AD-LTC4332 Datasheet
432Kb / 20P
SPI Extender Over Rugged Differential Link
More results


Similar Description - LTC4332_V01

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U00740M TRIPPLITE-U00740M Datasheet
487Kb / 2P
USB over Cat5 Extender Kit
logo
Level One
AVF-1200 LVL1-AVF-1200 Datasheet
766Kb / 3P
2-Channel BNC over Fiber Extender Kit
PFE-1001R LVL1-PFE-1001R Datasheet
1Mb / 3P
PoE Extender over Hybrid Fiber
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
HDMI over Cat.5 Extender kit
HVE-9200 LVL1-HVE-9200 Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9200P LVL1-HVE-9200P Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9211 LVL1-HVE-9211 Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9211R LVL1-HVE-9211R Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
logo
Analog Devices
LTC4332 AD-LTC4332 Datasheet
432Kb / 20P
SPI Extender Over Rugged Differential Link
LTC4331 AD-LTC4331 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com