Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR430UW6Q Datasheet (PDF) - Diodes Incorporated

BCR430UW6Q Datasheet PDF - Diodes Incorporated
Part # BCR430UW6Q
Download  BCR430UW6Q Download
File Size   844.96 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW DROPOUT VOLTAGE LINEAR LED DRIVER IC IN SOT26

BCR430UW6Q Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR430UW6Q Datasheet PDF - Diodes Incorporated

Part # BCR430UW6Q
Download  BCR430UW6Q Click to download

File Size   844.96 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW DROPOUT VOLTAGE LINEAR LED DRIVER IC IN SOT26

BCR430UW6Q Datasheet (HTML) - Diodes Incorporated


BCR430UW6Q Product details

Features
- LED Current Tolerance of ±5% at 95mA Output Current
- Thermal Protection Reduces LED Current at Elevated
Temperature
- Low Typical Saturation Voltage of 115mV at 50mA
- 5mA to 100mA Adjustable LED Current with an External Resistor
- 5V to 42V Supply Voltage
- High Power 1W Dissipation in SOT26
- No External Capacitor is Required for Stable Operation
- LED Dimming Using PWM
- Parallel Devices to Increase Regulated Current
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The BCR430UW6Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF16949
certified facilities.

Applications
- Automotive Lighting




Similar Part No. - BCR430UW6Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCR430UW6 DIODES-BCR430UW6 Datasheet
435Kb / 2P
Ultra-Low Voltage Drop Linear LED Driver with 5kV ESD Vin and Adjustable Output Cerrent
More results


Similar Description - BCR430UW6Q

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
Low Dropout Linear LED Driver
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
logo
KODENSHI_AUK CORP.
S8300 KODENSHI-S8300 Datasheet
355Kb / 9P
Linear LED Driver IC
logo
Diodes Incorporated
BCR421UW6Q DIODES-BCR421UW6Q Datasheet
536Kb / 11P
Linear LED Constant Current Regulator in SOT26
Rev 1
BCR420UW6 DIODES-BCR420UW6 Datasheet
648Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
Rev 4
BCR420UW6Q DIODES-BCR420UW6Q Datasheet
687Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
Rev 2
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
Linear LED Driver IC
logo
Shanghai Consonance Ele...
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
High-Voltage, Linear High-Brightness LED Driver IC
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com