Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4309 Datasheet (PDF) - Infineon Technologies AG

TLE4309 Datasheet PDF - Infineon Technologies AG
Part # TLE4309
Download  TLE4309 Download
File Size   295.95 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Adjustable Linear Low Dropout LED Driver

TLE4309 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4309 Datasheet PDF - Infineon Technologies AG

Part # TLE4309
Download  TLE4309 Click to download

File Size   295.95 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Adjustable Linear Low Dropout LED Driver

TLE4309 Datasheet (HTML) - Infineon Technologies AG


TLE4309 Product details

Functional Description

The TLE4309 is an integrated adjustable constant current source for driving loads up to 500 mA. The output current level can be adjusted with an external shunt resistor. Supplying high power LEDs with the TLE4309 ensures constant brightness independent from supply voltage or LED forward voltage spread. Therefore, LED lifetime is extended by protecting from overcurrent and overtemperature



Features

• Adjustable constant current up to 500 mA

• Operating supply voltage range 4.5 V to 24 V

• Maximum supply voltage up to 45 V

• Low dropout voltage

• PWM / ENABLE input

• << 1 µA quiescent current when disabled

• Overtemperature protection

• Short circuit proof

• Reverse polarity protection

• Operating junction temperature range: -40 °C to 150 °C

• Suitable for applications up to 85 °C ambient temperature.

• Green Product (RoHS compliant)




Similar Part No. - TLE4309

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305 Datasheet
266Kb / 15P
Voltage-Current Regulator
Rev. 2.1, 2004-01-01
TLE4305 INFINEON-TLE4305 Datasheet
262Kb / 16P
Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
TLE4305G INFINEON-TLE4305G Datasheet
266Kb / 15P
Voltage-Current Regulator
Rev. 2.1, 2004-01-01
TLE4305G INFINEON-TLE4305G Datasheet
262Kb / 16P
Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
More results


Similar Description - TLE4309

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
5A Adjustable Low-Dropout Linear Regulator
logo
Sipex Corporation
SP7121 SIPEX-SP7121 Datasheet
452Kb / 11P
2-Channel Adjustable Low Dropout High Side Linear LED Driver
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
Low Dropout Linear LED Driver
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
logo
Solid States Devices, I...
SVR1083 SSDI-SVR1083 Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear
logo
Anpec Electronics Corop...
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
Adjustable Low Dropout 300mA Linear Regulator
APL5701 ANPEC-APL5701 Datasheet
257Kb / 23P
Adjustable Low Dropout 700mA Linear Regulator
logo
Diodes Incorporated
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev 1
AL5810 DIODES-AL5810 Datasheet
932Kb / 13P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev. 2 - 2 June 2022
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com