Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4309 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4309
Description  Adjustable Linear Low Dropout LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4309 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4309 Datasheet HTML 2Page - Infineon Technologies AG TLE4309 Datasheet HTML 3Page - Infineon Technologies AG TLE4309 Datasheet HTML 4Page - Infineon Technologies AG TLE4309 Datasheet HTML 5Page - Infineon Technologies AG TLE4309 Datasheet HTML 6Page - Infineon Technologies AG TLE4309 Datasheet HTML 7Page - Infineon Technologies AG TLE4309 Datasheet HTML 8Page - Infineon Technologies AG TLE4309 Datasheet HTML 9Page - Infineon Technologies AG TLE4309 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Datasheet
6
Rev. 1.0, 2007-03-20
TLE4309
Table 5
Electrical Characteristics
V
I = 13.5 V; VPWM ≥ VPWM,H; -25 °C < Tj < 125 °C;
all voltages with respect to ground; unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Output
Output current
I
Q
171
178
185
mA
(
V
Q-VREF)
1) = 6.6 V;
R
REF = 1.0 Ω
438
456
474
mA
(
V
Q-VREF)
1) = 6.6 V;
R
REF = 0.39 Ω
Output current limit
I
Qmax
–600
–mA
R
REF = 0 Ω
Dropout voltage
V
dr
–
0.35
0.7
V
I
Q = 300 mA
Reference
Reference Voltage
V
REF
172
178
184
mV
0.39 <
R
REF < 1.0 Ω
T
j = 25 °C
Reference Voltage
V
REF
171
178
185
mV
0.39 <
R
REF < 1.0 Ω
Reference Input
Current
I
REF
-1
0.1
1
µA
V
REF = 180 mV
Current Consumption
Current consumption
off mode
I
q,OFF
–0.1
2µA
PWM/EN = L,
T
j < 85 °C
Current consumption
I
q
–
1222mA
V
Q =6.6 V; RREF =0.47 Ω
PWM / ENABLE
PWM high level valid
V
PWM,H
2.6
––V
–
PWM low level valid
V
PWM,L
––0.7
V
–
PWM input current
high level
I
PWM,H
–220
500
µA
V
PWM = 5.0 V
PWM input current
low level
I
PWM,L
-1
–1µA
V
PWM = 0.0 V
Turn on delay time
t
PWM,ON
0
1540µs
70% of
I
Qnom
Turn off delay time
t
PWM,OFF
0
1540µs
30% of
I
Qnom
1) (V
Q - VREF) equals the forward voltage sum of the connected LEDs, see figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com