Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7121 Datasheet (PDF) - Sipex Corporation

SP7121 Datasheet PDF - Sipex Corporation
Part # SP7121
Download  SP7121 Download
File Size   452.63 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 2-Channel Adjustable Low Dropout High Side Linear LED Driver

SP7121 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP7121 Datasheet PDF - Sipex Corporation

Part # SP7121
Download  SP7121 Click to download

File Size   452.63 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 2-Channel Adjustable Low Dropout High Side Linear LED Driver

SP7121 Datasheet (HTML) - Sipex Corporation


SP7121 Product details

GENERAL DESCRIPTION
The SP7121 LED driver provides a simple solution for a matched current source for any color common cathode LEDs. The common cathode connection allows the user to increase the LED power dissipation by having the cathodes heat sinked to the ground plane of the circuit board. The SP7121 output current value is set by an external resistor. At shutdown mode (EN pin is LOW), the supply current drops to .04µA typical. The SP7121 driver is available in a small footprint 6-pin SOT23-6 package.

FEATURES
• LED Driver for common cathode parallel connected LEDs
• Ultra Low Dropout Voltage of 300mV @ 25mA
• No EMI, no switching noise
• Integrated current matching
• PWM brightness control
• Enable/Shutdown control
• Shutdown current < 1µA
• Adjustable Output current up to 30mA per channel
• Available in RoHS Compliant, Lead Free Package: Small footprint SOT23-6

TYPICAL APPLICATION
• Mobile Phones
• PDA, DSC, MP3 players
• Handheld Computers
• Keypads and display backlight




Similar Part No. - SP7121

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP712 LITTELFUSE-SP712 Datasheet
1Mb / 5P
640W Asymmetrical TVS Diode Array
SP712-02HTG LITTELFUSE-SP712-02HTG Datasheet
1Mb / 5P
640W Asymmetrical TVS Diode Array
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7120 SIPEX-SP7120 Datasheet
71Kb / 4P
Evaluation Board Manual
SP7120AEB SIPEX-SP7120AEB Datasheet
71Kb / 4P
Evaluation Board Manual
More results


Similar Description - SP7121

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
Low Dropout Linear LED Driver
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
TLE82452-3SA INFINEON-TLE82452-3SA_15 Datasheet
2Mb / 71P
2 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
logo
Diodes Incorporated
AL5811EV1 DIODES-AL5811EV1 Datasheet
707Kb / 8P
75mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5811EV2 DIODES-AL5811EV2 Datasheet
700Kb / 8P
75mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5812EV2 DIODES-AL5812EV2 Datasheet
828Kb / 8P
150mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5812EV3 DIODES-AL5812EV3 Datasheet
847Kb / 8P
150mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com