Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7121 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7121
Description  2-Channel Adjustable Low Dropout High Side Linear LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7121 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7121 Datasheet HTML 1Page - Sipex Corporation SP7121 Datasheet HTML 2Page - Sipex Corporation SP7121 Datasheet HTML 3Page - Sipex Corporation SP7121 Datasheet HTML 4Page - Sipex Corporation SP7121 Datasheet HTML 5Page - Sipex Corporation SP7121 Datasheet HTML 6Page - Sipex Corporation SP7121 Datasheet HTML 7Page - Sipex Corporation SP7121 Datasheet HTML 8Page - Sipex Corporation SP7121 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Sept 11 - 07 Rev E
SP7121 Low Dropout LED Driver
© 2007 Sipex Corporation
Page 3
PIN ASSIGNMENTS
Pin Name
SP7121
Pin Description
Vcc
1
Power input pin. Bypass Vcc to GND with 1nF
capacitor as close to VIN as possible
GND
2
Ground pin
EN
3
Enable pin. Device is active if EN is logic HIGH
ISET
4
Connect external resistor to set LED current
LED2
5
Connect anode of LED2
LED1
6
Connect anode of LED1
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com