Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7121 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7121
Description  2-Channel Adjustable Low Dropout High Side Linear LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7121 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7121 Datasheet HTML 1Page - Sipex Corporation SP7121 Datasheet HTML 2Page - Sipex Corporation SP7121 Datasheet HTML 3Page - Sipex Corporation SP7121 Datasheet HTML 4Page - Sipex Corporation SP7121 Datasheet HTML 5Page - Sipex Corporation SP7121 Datasheet HTML 6Page - Sipex Corporation SP7121 Datasheet HTML 7Page - Sipex Corporation SP7121 Datasheet HTML 8Page - Sipex Corporation SP7121 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Sept 11 - 07 Rev E
SP7121 Low Dropout LED Driver
© 2007 Sipex Corporation
Page 1
FEATURES
•
LED Driver for common cathode parallel
connected LEDs
•
Ultra Low Dropout Voltage of 300mV @ 25mA
•
No EMI, no switching noise
•
Integrated current matching
•
PWM brightness control
•
Enable/Shutdown control
•
Shutdown current < 1µA
•
Adjustable Output current up to 30mA per
channel
•
Available in RoHS Compliant, Lead Free
Package: Small footprint SOT23-6
GENERAL DESCRIPTION
The SP7121 LED driver provides a simple solution for a matched current source for any color common
cathode LEDs. The common cathode connection allows the user to increase the LED power dissipation
by having the cathodes heat sinked to the ground plane of the circuit board. The SP7121 output current
value is set by an external resistor. At shutdown mode (EN pin is LOW), the supply current drops
to .04µA typical. The SP7121 driver is available in a small footprint 6-pin SOT23-6 package.
TYPICAL APPLICATION
SP7121
2-Channel Adjustable Low Dropout
High Side Linear LED Driver
TYPICAL APPLICATION
•
Mobile Phones
•
PDA, DSC, MP3 players
•
Handheld Computers
•
Keypads and display backlight


Similar Part No. - SP7121

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP712 LITTELFUSE-SP712 Datasheet
1Mb / 5P
640W Asymmetrical TVS Diode Array
SP712-02HTG LITTELFUSE-SP712-02HTG Datasheet
1Mb / 5P
640W Asymmetrical TVS Diode Array
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7120 SIPEX-SP7120 Datasheet
71Kb / 4P
Evaluation Board Manual
SP7120AEB SIPEX-SP7120AEB Datasheet
71Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP7121

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
Low Dropout Linear LED Driver
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
TLE82452-3SA INFINEON-TLE82452-3SA_15 Datasheet
2Mb / 71P
2 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
logo
Diodes Incorporated
AL5811EV1 DIODES-AL5811EV1 Datasheet
707Kb / 8P
75mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5811EV2 DIODES-AL5811EV2 Datasheet
700Kb / 8P
75mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5812EV2 DIODES-AL5812EV2 Datasheet
828Kb / 8P
150mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
AL5812EV3 DIODES-AL5812EV3 Datasheet
847Kb / 8P
150mA, 60V Low-side Adjustable Linear LED Driver
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com