Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7121 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7121
Description  2-Channel Adjustable Low Dropout High Side Linear LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7121 Datasheet(HTML) 4 Page - Sipex Corporation

  SP7121 Datasheet HTML 1Page - Sipex Corporation SP7121 Datasheet HTML 2Page - Sipex Corporation SP7121 Datasheet HTML 3Page - Sipex Corporation SP7121 Datasheet HTML 4Page - Sipex Corporation SP7121 Datasheet HTML 5Page - Sipex Corporation SP7121 Datasheet HTML 6Page - Sipex Corporation SP7121 Datasheet HTML 7Page - Sipex Corporation SP7121 Datasheet HTML 8Page - Sipex Corporation SP7121 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Sept 11 - 07 Rev E
SP7121 Low Dropout LED Driver
© 2007 Sipex Corporation
Page 4
APPLICATION INFORMATION
The SP7121 allows the LED current level to
be
adjusted
by
an
external
resistor
connected to the ISET pin. This option lets
costumer select LED current amplitude by
selecting appropriate external RSET resistor
value. The SP7121 circuit consists of
enable, bandgap reference, and current
amplifier circuit blocks. The Enable circuit
block
provides
the
enable
and
PWM
function for the IC. The Bandgap reference
provides a stable voltage source from which
the output current is derived.
Setting the Current in the SP7121
The internal current amplifier provides a
current
gain function
where
the
RSET
resistor is connected from the ISET pin (pin
4) to GND. The current, produced by the
RSET resistor is then amplified and delivered
to the LED output. The external RSET
resistor value for SP7121 is determined by
following equation:
RSET = 200 x VSET/ILED
Where ILED = required LED current value in
mA per channel.
VSET = 1.22V
200 is the typical gain
The LED current level can be set anywhere
from 10mA to 25mA per each output.
Specifications
are
not
guaranteed
for
current levels that are set outside this
range.
The SP7121 doesn’t have protection from
ISET
pin being shorted to ground or the RSET
value being too low.
With an operational
maximum current of 30mA per channel
device may be damaged if the ISET pin is
shorted to the ground or the RSET value is
below 8k .
ENABLE
The SP712X drivers have a low current
shutdown function. In shutdown mode, the
part draws less than 1µA current maximum.
The part can be shut down using the EN pin
(EN = LOW). The enable pin cannot be tri-
stated
or
left
floating.
There
are
no
predefined internal states, so leaving this
pin open will cause the part to operate
incorrectly.
PWM Dimming
The SP7121 driver allows LED-dimming
control by applying a PWM signal to the EN
pin. The acceptable frequency range of this
signal is 100Hz to 20 kHz. The minimum
ON time that is required for the ISET pin to
set is 15µs from the time the Enable pin
goes high. Thus, for a 2kHz PWM signal,
the acceptable duty cycle range is 3% to
100%. To find the minimum PWM duty cycle
the following steps need to be followed.
Step 1: Determine the time period of the
PWM frequency.
Where PWMf is the PWM frequency
Step 2:
Obtain the minimum Enable ON
time; this is 15µS for the SP7121 part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com