Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7121 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP7121
Description  2-Channel Adjustable Low Dropout High Side Linear LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7121 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP7121 Datasheet HTML 3Page - Sipex Corporation SP7121 Datasheet HTML 4Page - Sipex Corporation SP7121 Datasheet HTML 5Page - Sipex Corporation SP7121 Datasheet HTML 6Page - Sipex Corporation SP7121 Datasheet HTML 7Page - Sipex Corporation SP7121 Datasheet HTML 8Page - Sipex Corporation SP7121 Datasheet HTML 9Page - Sipex Corporation SP7121 Datasheet HTML 10Page - Sipex Corporation SP7121 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Sept 11 - 07 Rev E
SP7121 Low Dropout LED Driver
© 2007 Sipex Corporation
Page 11
ORDERING INFORMATION
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Sipex Application Notes:
http://www.sipex.com/applicationNotes.aspx
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA95035
tel: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product
or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Part Number
Temp
Range
RoHS/
Lead
Free
Package
ja
Moisture
Sensitivity
Level
Pack
Type
Pack
Quantity
SP7121EK-L
-40°C to
+85°C
Yes
SOT23-6
190°
C/W
L1 @ 260ºC
Canister
Any
SP7121EK-L/TR
-40°C to
+85°C
Yes
SOT23-6
190°
C/W
L1 @ 260ºC
Tape &
Reel
2500
Solved by
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com