Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7121 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7121
Description  2-Channel Adjustable Low Dropout High Side Linear LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7121 Datasheet(HTML) 5 Page - Sipex Corporation

  SP7121 Datasheet HTML 1Page - Sipex Corporation SP7121 Datasheet HTML 2Page - Sipex Corporation SP7121 Datasheet HTML 3Page - Sipex Corporation SP7121 Datasheet HTML 4Page - Sipex Corporation SP7121 Datasheet HTML 5Page - Sipex Corporation SP7121 Datasheet HTML 6Page - Sipex Corporation SP7121 Datasheet HTML 7Page - Sipex Corporation SP7121 Datasheet HTML 8Page - Sipex Corporation SP7121 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Sept 11 - 07 Rev E
SP7121 Low Dropout LED Driver
© 2007 Sipex Corporation
Page 5
Example
For a 2kHz signal, the minimum duty cycle
for the PWM signal is
%Minimum Duty cycle =3%
Fault Operation
If one of the LEDs is shorted, the LED
voltage at this pin will be VCC but that
channel will provide the nominal current
value, thereby increasing power dissipation.
If all channels are shorted, excessive power
dissipation may damage the device. If an
LED is open, the LED pin voltage will be
pulled up to Vcc, and the LED current will
be reduced to 3mA for the other channels.
The SP7121 doesn’t have protection from
the ISET pin being shorted to ground or the
RSET value being too low.
With an
operational maximum current of 30mA per
channel, the device may be damaged if the
ISET
pin is shorted to the ground or the RSET
value is below 8k .
APPLICATION INFORMATION
Thermal Considerations
The
SP7121
does
not
have
overtemperature protection. Special care
needs to be taken to ensure that the driver’s
junction temperature stays below 125˚C.
The thermal resistance of the package is
160˚C per Watt. Under normal operation
conditions with about 30mA of current per
LED and a voltage drop across the part of
1V, the part will still only dissipate .06 Watts
-- giving a temperature rise of only 11.4˚C
Example of thermal calculations.
Where P is total power dissipation
Vd is the voltage drop across the SP7121
IOUT
is the total output current
Where P is the total power dissipation
ΘJA
is the thermal resistance of the package
per Watt.
Above example
Temperature Rise = 11.4˚C
The part will be able will operate up to 85˚C
under these conditions.
BOARD LAYOUT AND GROUNDING
Although the SP7121 does not require an
input capacitor for normal operation, a 1nF
capacitor can be used to obtain better
overall circuit performance. To obtain the
best performance from the SP7121, a
printed circuit board with ground plane is
required. High quality, low series resistance
ceramic 1nF bypass capacitors should be
used at the Vcc and GND pins (pins 1 and
2). This capacitor must be located as close
to
the
pins
as
possible.
The
traces
connecting the pins and the capacitor must
be kept short and should be made as wide
as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com