Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1000418 Datasheet (PDF) - AVX Corporation

1000418 Datasheet PDF - AVX Corporation
Part # 1000418
Download  1000418 Download
File Size   714.8 Kbytes
Page   5 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description WLAN BT Zigbee Embedded Stamped Metal Antenna

1000418 Datasheet (PDF)

Go To PDF Page Download Datasheet
1000418 Datasheet PDF - AVX Corporation

Part # 1000418
Download  1000418 Click to download

File Size   714.8 Kbytes
Page   5 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description WLAN BT Zigbee Embedded Stamped Metal Antenna

1000418 Datasheet (HTML) - AVX Corporation


1000418 Product details

APPLICATIONS
•Embedded design
•Cellular, Headsets, Tablets
•Gateway, Access Point
•Handheld
•Telematics
•Tracking
•Healthcare
•M2M,Industrial devices
•SmartGrid
•OBD-II




Similar Part No. - 1000418

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100041861 TURCK-100041861 Datasheet
1Mb / 3P
Incremental Shaft Encoder Industrial Line
11/07/2023
More results


Similar Description - 1000418

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10039 WPI-WPANT10039 Datasheet
65Kb / 2P
915 MHz Stamped Metal Embedded Antenna
WPANT10043 WPI-WPANT10043 Datasheet
85Kb / 2P
Wi-Fi / ZigBee / WLAN Antenna
WPANT10071 WPI-WPANT10071 Datasheet
285Kb / 5P
900 MHz ISM band Stamped Metal Embedded Antenna
WPANT10078 WPI-WPANT10078 Datasheet
82Kb / 2P
Wi-Fi / BT / ZigBee Antenna
logo
AVX Corporation
1000423 AVX-1000423 Datasheet
751Kb / 5P
WLAN / BT/Zigbee Stamped Metal Antenna
9/27/2021
1001388 AVX-1001388 Datasheet
1Mb / 8P
5 GHz Single Band Stamped Metal Embedded Antenna
10/4/2019
1001932FT AVX-1001932FT Datasheet
1Mb / 7P
WLAN/BT/Zigbee/WiFi 6E Tunable Embedded FPC Antenna
9/29/2022
1002295 AVX-1002295 Datasheet
1,006Kb / 7P
Wi-Fi/BT Single Band Stamped Metal Embedded Antenna
9/27/2021
1002298 AVX-1002298 Datasheet
1Mb / 11P
Wi-Fi/BT Dual Band or V2X Stamped Metal Embedded Antenna
9/27/2021
M830520 AVX-M830520 Datasheet
1Mb / 7P
WLAN / BT / Zigbee Embedded Ceramic Antenna
11/15/2018
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com