Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1001932FT Datasheet (PDF) - AVX Corporation

1001932FT Datasheet PDF - AVX Corporation
Part # 1001932FT
Download  1001932FT Download
File Size   1346.12 Kbytes
Page   7 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description WLAN/BT/Zigbee/WiFi 6E Tunable Embedded FPC Antenna

1001932FT Datasheet (PDF)

Go To PDF Page Download Datasheet
1001932FT Datasheet PDF - AVX Corporation

Part # 1001932FT
Download  1001932FT Click to download

File Size   1346.12 Kbytes
Page   7 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description WLAN/BT/Zigbee/WiFi 6E Tunable Embedded FPC Antenna

1001932FT Datasheet (HTML) - AVX Corporation


1001932FT Product details

APPLICATIONS
•Embeddeddesign
•Cellular,Headsets,Tablets
•Gateway,AccessPoint
•Handheld
•Telematics
•Tracking
•Healthcare
•M2M,Industrialdevices
•SmartGrid
•OBD-II




Similar Part No. - 1001932FT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
1001932PT PANASONIC-1001932PT Datasheet
4Mb / 50P
Wi-Fi 6 Dual Band 2.4 GHz/5 GHz, Bluetooth® and 802.15.4 (PAN9019A only) Module
Rev. 1.0
More results


Similar Description - 1001932FT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA14 ETC2-CA14 Datasheet
675Kb / 7P
2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
logo
Pulse A Technitrol Comp...
W6103B0100 PULSE-W6103B0100 Datasheet
2Mb / 16P
3x3 MiModual band WiFi/BT FPC antenna
W3043 PULSE-W3043 Datasheet
229Kb / 1P
Monopole Antenna: GPS, BT, WLAN, WiFi
logo
World Produts Inc.
WPANT10043 WPI-WPANT10043 Datasheet
85Kb / 2P
Wi-Fi / ZigBee / WLAN Antenna
WPANT10078 WPI-WPANT10078 Datasheet
82Kb / 2P
Wi-Fi / BT / ZigBee Antenna
logo
AVX Corporation
1000418 AVX-1000418 Datasheet
714Kb / 5P
WLAN BT Zigbee Embedded Stamped Metal Antenna
9/27/2021
1000423 AVX-1000423 Datasheet
751Kb / 5P
WLAN / BT/Zigbee Stamped Metal Antenna
9/27/2021
1003893FT AVX-1003893FT Datasheet
656Kb / 5P
BT Tunable FPC 2.4 GHz Embedded Antenna
9/27/2021
1003893PT AVX-1003893PT Datasheet
624Kb / 5P
BT Tunable PCB 2.4 GHz Embedded Antenna
9/27/2021
M830520 AVX-M830520 Datasheet
1Mb / 7P
WLAN / BT / Zigbee Embedded Ceramic Antenna
11/15/2018
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com