Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1001430 Datasheet (PDF) - AVX Corporation

1001430 Datasheet PDF - AVX Corporation
Part # 1001430
Download  1001430 Download
File Size   1478.46 Kbytes
Page   8 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description 5 GHz Single Band Stamped Metal Embedded Antenna

1001430 Datasheet (PDF)

Go To PDF Page Download Datasheet
1001430 Datasheet PDF - AVX Corporation

Part # 1001430
Download  1001430 Click to download

File Size   1478.46 Kbytes
Page   8 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description 5 GHz Single Band Stamped Metal Embedded Antenna

1001430 Datasheet (HTML) - AVX Corporation


1001430 Product details

APPLICATIONS
• Embedded design
• Cellular,Headsets,Tablets
• Gateway,Access Point
• Handheld
• Telematics
• Tracking
• Healthcare
• M2M , Industrialdevices
• Smart Grid
• OBD-II




Similar Part No. - 1001430

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1001435M0 AVX-1001435M0 Datasheet
1Mb / 7P
Wi-Fi Dual Band On Ground/ Off Ground Stamp Metal Antenna
9/27/2021 Rev. 1
1001435M0-AA10L0025 AVX-1001435M0-AA10L0025 Datasheet
1Mb / 7P
Wi-Fi Dual Band On Ground/ Off Ground Stamp Metal Antenna
9/27/2021 Rev. 1
1001435M0-AA10L0025N AVX-1001435M0-AA10L0025N Datasheet
1Mb / 7P
Wi-Fi Dual Band On Ground/ Off Ground Stamp Metal Antenna
9/27/2021 Rev. 1
1001435M0-AA10L0050 AVX-1001435M0-AA10L0050 Datasheet
1Mb / 7P
Wi-Fi Dual Band On Ground/ Off Ground Stamp Metal Antenna
9/27/2021 Rev. 1
1001435M0-AA10L0050N AVX-1001435M0-AA10L0050N Datasheet
1Mb / 7P
Wi-Fi Dual Band On Ground/ Off Ground Stamp Metal Antenna
9/27/2021 Rev. 1
More results


Similar Description - 1001430

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10046-C1A WPI-WPANT10046-C1A Datasheet
102Kb / 2P
2.2 GHz Embedded Antenna
logo
Taoglas antenna solutio...
WDP2458254B02 TAOGLAS-WDP2458254B02 Datasheet
932Kb / 13P
Wi-Fi Dual-band 2.4/5 GHz Embedded Ceramic Patch Antenna
logo
World Produts Inc.
WPANT10039 WPI-WPANT10039 Datasheet
65Kb / 2P
915 MHz Stamped Metal Embedded Antenna
WPANT10071 WPI-WPANT10071 Datasheet
285Kb / 5P
900 MHz ISM band Stamped Metal Embedded Antenna
logo
TE Connectivity Ltd
2108517-2 TEC-2108517-2 Datasheet
535Kb / 2P
DUAL BAND WiFi (2400-2500 &5150-5875MHz) ANTENNA, STAMPED METAL, SMD
logo
Maxtena Inc.
MPA-254-WIFI MAXTENA-MPA-254-WIFI Datasheet
1Mb / 3P
WIFI 2.4/5 GHz Embedded Patch Antenna
REV A
logo
AVX Corporation
1000418 AVX-1000418 Datasheet
714Kb / 5P
WLAN BT Zigbee Embedded Stamped Metal Antenna
9/27/2021
1000423 AVX-1000423 Datasheet
751Kb / 5P
WLAN / BT/Zigbee Stamped Metal Antenna
9/27/2021
1002295 AVX-1002295 Datasheet
1,006Kb / 7P
Wi-Fi/BT Single Band Stamped Metal Embedded Antenna
9/27/2021
1002298 AVX-1002298 Datasheet
1Mb / 11P
Wi-Fi/BT Dual Band or V2X Stamped Metal Embedded Antenna
9/27/2021
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com