Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1514X Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1514X Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1514X
Download  R1514X Download
File Size   313.17 Kbytes
Page   15 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 150mA VOLTAGE REGULATOR (Wide Input Voltage Range)

R1514X Datasheet (PDF)

Go To PDF Page Download Datasheet
R1514X Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1514X
Download  R1514X Click to download

File Size   313.17 Kbytes
Page   15 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 150mA VOLTAGE REGULATOR (Wide Input Voltage Range)

R1514X Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R1514X Product details

FEATURES
• Input Voltage ......................................................... Max. 36V
• Supply Current ......................................................Typ. 9μA
• Standby Current ....................................................Typ. 0.1μA
• Temperature-Drift Coefficient of Output Voltage ...Typ. ±100ppm/°C
• Output Current ......................................................Min. 150mA (VIN=VOUT+3.0V; R1514x050B)
• Line Regulation .....................................................Typ. 0.05%/V
• Output Voltage Accuracy.......................................±2%
• Output Voltage Range...........................................2.0V to 12.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Packages ..............................................................SOT-89-5, HSOP-6J
• Built-in Peak Current Limit Circuit
• Built-in Short Current Limit Circuit
• Built-in Thermal Shutdown Circuit
• Operating Temperature ......................................... −40°C to 105°C




Similar Part No. - R1514X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1514X RICOH-R1514X Datasheet
826Kb / 20P
150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X-Y NISSHINBO-R1514X-Y Datasheet
525Kb / 22P
150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
R1514X025B NISSHINBO-R1514X025B Datasheet
525Kb / 22P
150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
R1514X028B NISSHINBO-R1514X028B Datasheet
525Kb / 22P
150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
R1514X030B NISSHINBO-R1514X030B Datasheet
525Kb / 22P
150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
More results


Similar Description - R1514X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
RICOH electronics devic...
R1154 RICOH-R1154 Datasheet
309Kb / 22P
150mA Voltage Regulator (Wide Input Voltage Range)
April 1, 2012
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com