Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1514X Datasheet(PDF) 10 Page - Nisshinbo Micro Devices Inc.

Part # R1514X
Description  150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1514X Datasheet(HTML) 10 Page - Nisshinbo Micro Devices Inc.

Back Button R1514X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
R1514x
10
R1514x050B
R1514x090B
030
20
10
40
Input Voltage VIN(V)
4.0
6.0
5.5
5.0
4.5
IOUT= 1mA
IOUT=20mA
IOUT=40mA
030
20
10
40
Input Voltage VIN(V)
8.0
10.0
9.5
9.0
8.5
IOUT= 1mA
IOUT=20mA
IOUT=40mA
3) Dropout Voltage vs. Output Current
R1514x020B
R1514x030B
100
0
150
50
Output Current IOUT(mA)
0
3.5
2.5
1.5
0.5
3.0
2.0
1.0
105
°C
25
°C
-40
°C
100
0
150
50
Output Current IOUT(mA)
0
3.5
2.5
1.5
0.5
3.0
2.0
1.0
105
°C
25
°C
-40
°C
R1514x050B
R1514x090B
0
100
50
150
Output Current IOUT(mA)
0
3.5
2.5
1.5
0.5
3.0
2.0
1.0
105
°C
25
°C
-40
°C
0
100
50
150
Output Current IOUT(mA)
0
3.5
2.5
1.5
0.5
3.0
2.0
1.0
105
°C
25
°C
-40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com