Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD10 Datasheet (PDF) - Weitron Technology

WD10 Datasheet PDF - Weitron Technology
Part # WD10
Download  WD10 Download
File Size   411.72 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Surface Mount Glass Passivated Bridge Rectifiers

WD10 Datasheet (PDF)

Go To PDF Page Download Datasheet
WD10 Datasheet PDF - Weitron Technology

Part # WD10
Download  WD10 Click to download

File Size   411.72 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Surface Mount Glass Passivated Bridge Rectifiers

WD10 Datasheet (HTML) - Weitron Technology


WD10 Product details

Features:
* Rating to 1000V PRV
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded plastic technique results in inexpensive product
* Lead tin plated copper




Similar Part No. - WD10

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WD10 WEITRON-WD10 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
WD100 ETC1-WD100 Datasheet
45Kb / 2P
DC/DC Converters
logo
XP Power Limited
WD100 XPPOWER-WD100 Datasheet
62Kb / 2P
DC-DC Converters
logo
List of Unclassifed Man...
WD1000M ETC1-WD1000M Datasheet
1Mb / 11P
Big-screen simplicity
WD1001 ETC2-WD1001 Datasheet
44Kb / 1P
Digital 85W Soldering Station, 120 V
More results


Similar Description - WD10

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101S HY-DB101S_17 Datasheet
142Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B05SA HY-B05SA Datasheet
164Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
RABS210 BYTESONIC-RABS210 Datasheet
905Kb / 2P
Surface Mount Glass Passivated Bridge Rectifiers
2019/10/12
logo
HY ELECTRONIC CORP.
B05S HY-B05S_V01 Datasheet
351Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DB101S HY-DB101S_V01 Datasheet
345Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
TB1S-12 PJSEMI-TB1S-12 Datasheet
757Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
TB1S-20 PJSEMI-TB1S-20 Datasheet
405Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
FABS205 HY-FABS205 Datasheet
326Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com