Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD10 Datasheet(PDF) 2 Page - Weitron Technology

Part # WD10
Description  Surface Mount Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WD10 Datasheet(HTML) 2 Page - Weitron Technology

  WD10 Datasheet HTML 1Page - Weitron Technology WD10 Datasheet HTML 2Page - Weitron Technology WD10 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WD01 thru WD10
WEITRON
http://www.weitron.com.tw
Device Marking
Item
Marking
Eqivalent Circuit Diagram
WD01
B1S
WD02
B2S
WD04
B4S
WD06
B6S
WD08
B8S
WD10
B10S
Maximun Rating
Characteristics
Symbol
WD01 WD02 WD04 WD06
WD10
WD08
Units
Repetitive Peak Reverse
Voltage
Average Output Rectified
Current (TA=30 C)
Peak One Cycle Surge
Forward Curren(Non Repetitive)
Junction Temperature
Store Temperature
VPRRM
Io
IFSM
Tj
Tstg
100
200
400
600
800
1000
0.5
0.8*
30(50Hz)
33(60Hz)
-40 to 150
-40 to 150
Volts
Amps
Amps
C
C
Electrical Characteristics (TA=25 C)
Characteristics
Symbol
Units
Maximum Peak Forward Voltage
at 0.4 A DC
Maximun Repetitive Peak
Reverse Current (VR=Rated)
Thermal Resistance
(Junction to Ambient)
VF
IR
R JA
1.0
10
130
75*
Volts
µAmps
C/W
WD01 WD02 WD04 WD06
WD10
WD08
q
2/3
Rev.A 21-Apr-06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com