Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP040SM Datasheet (PDF) - CTS Corporation

ATP040SM Datasheet PDF - CTS Corporation
Part # ATP040SM
Download  ATP040SM Download
File Size   157.86 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Standard Crystals

ATP040SM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATP040SM Datasheet PDF - CTS Corporation

Part # ATP040SM
Download  ATP040SM Click to download

File Size   157.86 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Standard Crystals

ATP040SM Datasheet (HTML) - CTS Corporation


ATP040SM Product details

Surface Mount Quartz Crystal

DESCRIPTION
The ATP-SM crystal series offers excellent longterm stability and reliability in a proven plastic molded package. The excellent shock performance makes it suitable for today’s microprocessor, communication, consumer electronic and networking applications.

FEATURES
• Plastic Molded Metal Cylinder Crystal Package
• Stable Frequency Over Temperature and Drive Level
• Fundamental and 3rd Overtone Crystals
• Frequency Range 3.5 – 40 MHz
• Frequency Tolerance, ±50 ppm Standard
• Frequency Stability, ±50 ppm Standard
• Operating Temperature, –20°C to +70°C
• Tape & Reel Packaging Available
• RoHS Compliant
• RoHS Exemption
    Per EU Directive 2002/95/EC Annex, Section 7: Lead in high temperature solders (+85% lead).




Similar Part No. - ATP040SM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATP040SM CTS-ATP040SM Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
More results


Similar Description - ATP040SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31SMX ETC-31SMX Datasheet
105Kb / 1P
STANDARD LOW FREQUENCY SMD CRYSTALS
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
Crystals
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
Crystals
logo
List of Unclassifed Man...
FOX018S ETC1-FOX018S Datasheet
47Kb / 1P
STANDARD CRYSTALS
logo
MTRONPTI
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
Crystals
ATS49MP1 MTRONPTI-ATS49MP1 Datasheet
262Kb / 2P
Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
CRYSTALS
logo
MTRONPTI
ATS-1 MTRONPTI-ATS-1_07 Datasheet
314Kb / 2P
Crystals
logo
Pletronics, Inc.
CY39 PLETRONICS-CY39 Datasheet
40Kb / 1P
Crystals
logo
EUROQUARTZ limited
95SMX EUROQUARTZ-95SMX Datasheet
133Kb / 1P
CRYSTALS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com