Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP040SM Datasheet(PDF) 2 Page - CTS Corporation

Part # ATP040SM
Description  Standard Crystals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATP040SM Datasheet(HTML) 2 Page - CTS Corporation

  ATP040SM Datasheet HTML 1Page - CTS Corporation ATP040SM Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
22
CTS Reeves
FREQUENCY PRODUCTS
400 REIMANN AVE. • SANDWICH, IL 60548
Phone: 815-786-8411 • Fax: 815-786-3600 • E-Mail: www.ctsreeves.com
Mechanical Specifications:
Package Type:
Cylindrical crystal package connected to
lead frame.
Leads:
Plastic injection molded, formed leads.
Reflow Temperature:
260
°C, 10 seconds (max)
Outline Drawing:
Ordering Information:
Insulation Resistance:
>500 Mohm
Storage Temperature:
-40 to 85
°C (max)
Environmental Specifications:
Reflow Temperature Capability:
260
°C, 10 seconds (max)
Shock:
100g’s, 3 planes, 1 blow per plane,
∆F 10 ppm (max), ∆R 15% (max)
Vibration:
10-55 Hz, 0.7 mm, 1 hr. per plane,
∆F 10 ppm (max), ∆R 15% (max)
A complete part number looks like:
ATP ___ ___ ___ SM
Select from the “Standard Frequencies” Table*
Optional Suffix codes are:
“1”
=
Tape and reel packaging (see “Tape and Reel” page for tape dimensions)
Standard Crystals
ATP-SM Series
Custom frequencies specified upon request. Contact CTS Reeves for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com