Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXA40 Datasheet (PDF) - Artesyn Technologies

BXA40 Datasheet PDF - Artesyn Technologies
Part # BXA40
Download  BXA40 Download
File Size   74.13 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 40W Wide Input DC/DC Converters

BXA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
BXA40 Datasheet PDF - Artesyn Technologies

Part # BXA40
Download  BXA40 Click to download

File Size   74.13 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 40W Wide Input DC/DC Converters

BXA40 Datasheet (HTML) - Artesyn Technologies




Similar Part No. - BXA40

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
Pin-compatible with NFC40 Series
BXA40-24S05-MJ EMERSON-NETWORKPOWER-BXA40-24S05-MJ Datasheet
243Kb / 4P
Pin-compatible with NFC40 Series
BXA40-24S3V3-SMJ EMERSON-NETWORKPOWER-BXA40-24S3V3-SMJ Datasheet
243Kb / 4P
Pin-compatible with NFC40 Series
BXA40-48S05-MJ EMERSON-NETWORKPOWER-BXA40-48S05-MJ Datasheet
243Kb / 4P
Pin-compatible with NFC40 Series
BXA40-48S12-MJ EMERSON-NETWORKPOWER-BXA40-48S12-MJ Datasheet
243Kb / 4P
Pin-compatible with NFC40 Series
More results


Similar Description - BXA40

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
List of Unclassifed Man...
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
30 Watt Wide input DC/DC converters
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
30W Wide Input DC/DC Converters
BXF400 ARTESYN-BXF400 Datasheet
158Kb / 3P
264W Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP40DG TOPPOWER-TP40DG Datasheet
206Kb / 4P
40W Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_V01 Datasheet
809Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com