Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXA3 Datasheet (PDF) - Artesyn Technologies

BXA3 Datasheet PDF - Artesyn Technologies
Part # BXA3
Download  BXA3 Download
File Size   65.88 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 3W Wide Input DC/DC Converters

BXA3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BXA3 Datasheet PDF - Artesyn Technologies

Part # BXA3
Download  BXA3 Click to download

File Size   65.88 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 3W Wide Input DC/DC Converters

BXA3 Datasheet (HTML) - Artesyn Technologies


BXA3 Product details

DC/DC CONVERTERS 3W Wide Input DC/DC Converters

The BXA3 Series of DC/DC converters is designed to offer the optimum cost/benefit power solution for a wide variety of applications including public and private telecommunications, industrial systems and process and test equipment. The series consists of 9 models with input voltages of 9-18VDC, 18- 36VDC and 36-75VDC, and offers standard output voltages of 3.3V, 5V, 12V and 15V in single and dual output configurations. Continuous short circuit protection, overvoltage protection, 60mV output ripple and EN55022 level A conducted noise compliance minimize design-in time, cost and eliminate the need for external components.

• 3 Watts in DIL Package
• 9 models including 3.3VDC output
• Wide input ranges 9-18V, 18-36V, 36-75V
• EN55022 conducted emissions level A (optional)
• Continuous short circuit protection
• Operating temperature range -25°C to +105°C
• Input voltage range to ETS300-132-2
• UL, VDE and CSA safety approvals




Similar Part No. - BXA3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
BXA3 EMERSON-NETWORKPOWER-BXA3 Datasheet
237Kb / 4P
3 Watts in DIL Package
BXA3-12S15J EMERSON-NETWORKPOWER-BXA3-12S15J Datasheet
237Kb / 4P
3 Watts in DIL Package
logo
Artesyn Technologies
BXA3-12S15J ARTESYN-BXA3-12S15J Datasheet
243Kb / 4P
Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
BXA3-12S3V3J EMERSON-NETWORKPOWER-BXA3-12S3V3J Datasheet
237Kb / 4P
3 Watts in DIL Package
logo
Artesyn Technologies
BXA3-12S3V3J ARTESYN-BXA3-12S3V3J Datasheet
243Kb / 4P
Embedded Power for Business-Critical Continuity
More results


Similar Description - BXA3

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
Isolated 3W Wide Input Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RUI MPD-A300RUI Datasheet
89Kb / 2P
3W, Ultra-Wide Input High Isolation DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
3W 1KVDC Isolated Wide Input DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
logo
MicroPower Direct, LLC
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
Wide Input, 3W Ultra-Miniature DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com