Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXA3 Datasheet (PDF) - Emerson Network Power

BXA3 Datasheet PDF - Emerson Network Power
Part # BXA3
Download  BXA3 Download
File Size   237.61 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 3 Watts in DIL Package

BXA3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BXA3 Datasheet PDF - Emerson Network Power

Part # BXA3
Download  BXA3 Click to download

File Size   237.61 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 3 Watts in DIL Package

BXA3 Datasheet (HTML) - Emerson Network Power


BXA3 Product details

Single output

The BXA3 Series of dc-dc converters is designed to offer the optimum cost/benefit power solution for a wide variety of applications including public and private telecommunications, industrial systems and process and test equipment. The series consists of 9 models with input voltages of 9 Vdc to 18Vdc, 18 Vdc to 36 Vdc and 36 Vdc to 75 Vdc, and offers standard output voltages of 3.3 V, 5 V, 12 V and 15 V in single and dual output configurations. Continuous short-circuit protection, overvoltage protection, 60 mV output ripple and EN55022 level A conducted noise compliance minimize design-in time, cost and eliminate the need for external components.

Special Features
• 3 Watts in DIL Package
• 9 models including 3.3 Vdc output
• Wide input ranges 9 Vdc to 18 Vdc, 18 Vdc to 36 Vdc, 36 Vdc to 75 Vdc
• EN55022 conducted emissions level A (optional)
• Continuous short circuit protection
• Operating temperature range -25 °C to +105 °C
• Input voltage range to ETS300-132-2
• UL, VDE and CSA safety approvals
• Available RoHS compliant
• 2 year warranty




Similar Part No. - BXA3

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
BXA3-12S15 ARTESYN-BXA3-12S15 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
BXA3-12S15J ARTESYN-BXA3-12S15J Datasheet
243Kb / 4P
Embedded Power for Business-Critical Continuity
BXA3-12S3V3 ARTESYN-BXA3-12S3V3 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
BXA3-12S3V3J ARTESYN-BXA3-12S3V3J Datasheet
243Kb / 4P
Embedded Power for Business-Critical Continuity
More results


Similar Description - BXA3

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5060 MTRONPTI-XO5060 Datasheet
57Kb / 1P
Standard DIP/DIL Package
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS Datasheet
330Kb / 3P
family package DIL 14
SCOCXOH MICROCRYSTAL-SCOCXOH Datasheet
329Kb / 3P
family package DIL 14
SCOCXOL MICROCRYSTAL-SCOCXOL Datasheet
326Kb / 3P
family package DIL 14
logo
TT Electronics.
SC3 TTELEC-SC3 Datasheet
986Kb / 3P
3 watts in a 1 watt size package
logo
OSRAM GmbH
SFH-5440 OSRAM-SFH-5440 Datasheet
155Kb / 11P
Schmitt-Trigger IC in Smart DIL Package
logo
Golledge Electronics Lt...
GVXO-41H GOLLEDGE-GVXO-41H Datasheet
547Kb / 4P
5V VCXO in half size 8 pin DIL package
logo
HALO Electronics, Inc.
TD02-1205ALF HALO-TD02-1205ALF Datasheet
397Kb / 2P
DIL Package
TD04-ISDN9V18LF HALO-TD04-ISDN9V18LF Datasheet
447Kb / 2P
18 Pin DIL Package
TD11-6006FLF HALO-TD11-6006FLF Datasheet
426Kb / 2P
8 Pin DIL Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com