Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXA3 Datasheet(PDF) 3 Page - Emerson Network Power

Part # BXA3
Description  3 Watts in DIL Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXA3 Datasheet(HTML) 3 Page - Emerson Network Power

  BXA3 Datasheet HTML 1Page - Emerson Network Power BXA3 Datasheet HTML 2Page - Emerson Network Power BXA3 Datasheet HTML 3Page - Emerson Network Power BXA3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.03.07.07
bxa3
3 of 4
Embedded Power for
Business-Critical Continuity
Specifications Contd.
Notes
1
Maximum.
2
Maximum figure at full load (nominal).
3
Low line to high line.
4
Full load to no load.
5
An optional internal filter is available. When the filter is added, the BXA3
will meet VDE0871-A, VDE0878-A and EN55022-A. Add the suffix ‘-F’ to
the model number, e.g. BXA3-12S15-FJ.
6
Conducted noise filtering to EN55022 level B may be accomplished by
putting the following capacitors across the input pins.
12 Vdc
5 μF ceramic X7R dielectric type
24 Vdc
3 μF ceramic X7R dielectric type
48 Vdc
1 μF ceramic X7R dielectric type
7
Reverse voltage protection can be implemented by putting a fast blow fuse
on the positive input rail. Rate the fuse for 250 mA at 48 Vdc input, 500 mA
at 24 Vdc input and 1000 mA at 12 Vdc input.
8
The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
9
NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
INPUT
OUTPUT
OUTPUT
INPUT
TYPICAL
REGULATION
MODEL
VOLTAGE
VOLTAGE
CURRENT (1)
CURRENT (2)
EFFICIENCY
LINE (3)
LOAD (4)
NUMBER (5,8,9)
9-18 Vdc
3.3 V
600 mA
245 mA
68%
±2.5%
±2.5%
BXA3-12S3V3J
9-18 Vdc
15 V
200 mA
335 mA
75%
±2.5%
±2.5%
BXA3-12S15J
18-36 Vdc
3.3 V
600 mA
122 mA
68%
±2.5%
±2.5%
BXA3-24S3V3J
18-36 Vdc
5 V
500 mA
140 mA
76%
±2.5%
±2.5%
BXA3-24S05J
18-36 Vdc
±5 V
±250 mA
140 mA
76%
±2.5%
±2.5%
BXA3-24D05J
36-75 Vdc
3.3 V
600 mA
61 mA
68%
±2.5%
±2.5%
BXA3-48S3V3J
36-75 Vdc
5 V
500 mA
69 mA
76%
±2.5%
±2.5%
BXA3-48S05J
36-75 Vdc
12 V
250 mA
83 mA
76%
±2.5%
±2.5%
BXA3-48S12J
36-75 Vdc
15 V
200 mA
83 mA
76%
±2.5%
±2.5%
BXA3-48S15J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com