Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXA3 Datasheet(PDF) 2 Page - Emerson Network Power

Part # BXA3
Description  3 Watts in DIL Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXA3 Datasheet(HTML) 2 Page - Emerson Network Power

  BXA3 Datasheet HTML 1Page - Emerson Network Power BXA3 Datasheet HTML 2Page - Emerson Network Power BXA3 Datasheet HTML 3Page - Emerson Network Power BXA3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.03.07.07
bxa3
2 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Specifications
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC part 15
Level A
Suffix ‘-F’ versions
(See Notes 5 and 6)
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input/output
500 Vdc
Switching frequency
Variable
200 kHz to1 MHz
Approvals and
VDE0805, EN60950, IEC950
standards
UL1950, CSA C22.2 No. 950
Case material
Non-conductive
black plastic
Material flammability
UL94V-0 min.
Weight
15 g (0.53 oz)
MTBF
MIL-HDBK-217F
800,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-25 °C to +105 °C
(See derating curve)
Non-operating amb
-40 °C to +105 °C
Cooling
Free air convection
cooled
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration
5 Hz to 500 Hz
2.5 G rms (approx.)
OUTPUT SPECIFICATIONS
Voltage accuracy
±1.0%
Line regulation
LL to HL, all outputs
±2.5%
Load regulation
Full load to no load
±2.5%
Ripple and noise
+5 V output
60 mV pk-pk, max.,
(5 Hz to 20 MHz)
15 mV rms
All others
100 mV pk-pk, max.,
15 mV rms
Temperature coefficient
±0.02%/°C, max.
Over voltage protection
Clamp diode
135% Vout
Short circuit protection
Continuous
automatic recovery
INPUT SPECIFICATIONS
Input voltage range
12 Vdc
9-18 Vdc
24 Vdc
18-36 Vdc
48 Vdc
36-75 Vdc
Input filter
Suffix ‘-F’ (See Note 5)
Pi type
Reverse voltage
(See Note 7)
Yes
protection
Max. input rise
Output remains within
5 V/ms
and fall time
specification



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com