Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXA3 Datasheet(PDF) 1 Page - Emerson Network Power

Part # BXA3
Description  3 Watts in DIL Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXA3 Datasheet(HTML) 1 Page - Emerson Network Power

  BXA3 Datasheet HTML 1Page - Emerson Network Power BXA3 Datasheet HTML 2Page - Emerson Network Power BXA3 Datasheet HTML 3Page - Emerson Network Power BXA3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The BXA3 Series of dc-dc converters is designed to offer the
optimum cost/benefit power solution for a wide variety of
applications including public and private telecommunications,
industrial systems and process and test equipment. The series
consists of 9 models with input voltages of 9 Vdc to 18Vdc, 18 Vdc
to 36 Vdc and 36 Vdc to 75 Vdc, and offers standard output
voltages of 3.3 V, 5 V, 12 V and 15 V in single and dual output
configurations. Continuous short-circuit protection, overvoltage
protection, 60 mV output ripple and EN55022 level A conducted
noise compliance minimize design-in time, cost and eliminate the
need for external components.
Embedded Power for
Business-Critical Continuity
BXA3 Series
Single output
Special Features
• 3 Watts in DIL Package
• 9 models including 3.3 Vdc
output
• Wide input ranges 9 Vdc to 18
Vdc, 18 Vdc to 36 Vdc, 36 Vdc
to 75 Vdc
• EN55022 conducted emissions
level A (optional)
• Continuous short circuit
protection
• Operating temperature
range -25 °C to +105 °C
• Input voltage range to
ETS300-132-2
• UL, VDE and CSA safety
approvals
• Available RoHS compliant
• 2 year warranty
Total Power:
5W
Input Voltage: 38 - 72VDC
# of Outputs:
Single
Safety
VDE0805/EN60950/IEC950
File No. 10401-3336-0098
Licence No. 5856
UL1950 File No. E136005
CSA C22.2 No. 950
File No. LR41062C
Rev.03.07.07
bxa3
1 of 4


Similar Part No. - BXA3

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
BXA3-12S15 ARTESYN-BXA3-12S15 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
BXA3-12S15J ARTESYN-BXA3-12S15J Datasheet
243Kb / 4P
Embedded Power for Business-Critical Continuity
BXA3-12S3V3 ARTESYN-BXA3-12S3V3 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
BXA3-12S3V3J ARTESYN-BXA3-12S3V3J Datasheet
243Kb / 4P
Embedded Power for Business-Critical Continuity
More results

Similar Description - BXA3

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5060 MTRONPTI-XO5060 Datasheet
57Kb / 1P
Standard DIP/DIL Package
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS Datasheet
330Kb / 3P
family package DIL 14
SCOCXOH MICROCRYSTAL-SCOCXOH Datasheet
329Kb / 3P
family package DIL 14
SCOCXOL MICROCRYSTAL-SCOCXOL Datasheet
326Kb / 3P
family package DIL 14
logo
TT Electronics.
SC3 TTELEC-SC3 Datasheet
986Kb / 3P
3 watts in a 1 watt size package
logo
OSRAM GmbH
SFH-5440 OSRAM-SFH-5440 Datasheet
155Kb / 11P
Schmitt-Trigger IC in Smart DIL Package
logo
Golledge Electronics Lt...
GVXO-41H GOLLEDGE-GVXO-41H Datasheet
547Kb / 4P
5V VCXO in half size 8 pin DIL package
logo
HALO Electronics, Inc.
TD02-1205ALF HALO-TD02-1205ALF Datasheet
397Kb / 2P
DIL Package
TD04-ISDN9V18LF HALO-TD04-ISDN9V18LF Datasheet
447Kb / 2P
18 Pin DIL Package
TD11-6006FLF HALO-TD11-6006FLF Datasheet
426Kb / 2P
8 Pin DIL Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com