Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXA3 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # BXA3
Description  3W Wide Input DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

BXA3 Datasheet(HTML) 1 Page - Artesyn Technologies

  BXA3 Datasheet HTML 1Page - Artesyn Technologies BXA3 Datasheet HTML 2Page - Artesyn Technologies BXA3 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
3W Wide Input DC/DC Converters
1
2 YEAR WARRANTY
BXA3 Series
Single and dual output
3 Watts in DIL Package
9 models including 3.3VDC output
Wide input ranges 9-18V, 18-36V, 36-75V
EN55022 conducted emissions level A (optional)
Continuous short circuit protection
Operating temperature range -25°C to +105°C
Input voltage range to ETS300-132-2
UL, VDE and CSA safety approvals
The BXA3 Series of DC/DC converters is designed to offer the optimum
cost/benefit power solution for a wide variety of applications including public
and private telecommunications, industrial systems and process and test
equipment. The series consists of 9 models with input voltages of 9-18VDC, 18-
36VDC and 36-75VDC, and offers standard output voltages of 3.3V, 5V, 12V and
15V in single and dual output configurations. Continuous short circuit protection,
overvoltage protection, 60mV output ripple and EN55022 level A conducted
noise compliance minimize design-in time, cost and eliminate the need for
external components.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC part 15
Level A
Suffix ‘-F’ versions
(See Notes 5 and 6)
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input/output
500VDC
Switching frequency
Variable
200kHz to1MHz
Approvals and
VDE0805, EN60950, IEC950
standards
UL1950, CSA C22.2 No. 950
Case material
Non-conductive
black plastic
Material flammability
UL94V-0 min.
Weight
15g (0.53oz)
MTBF
MIL-HDBK-217F
800,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-25°C to +105°C
(See derating curve)
Non-operating amb
-40°C to +105°C
Cooling
Free air convection
cooled
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.5G rms (approx.)
OUTPUT SPECIFICATIONS
Voltage accuracy
±1.0%
Line regulation
LL to HL, all outputs
±2.5%
Load regulation
Full load to no load
±2.5%
Ripple and noise
+5V output
60mV pk-pk, max.,
(5Hz to 20MHz)
15mV rms
All others
100mV pk-pk, max.,
15mV rms
Temperature coefficient
±0.02%/°C, max.
Over voltage protection
Clamp diode
135% Vout
Short circuit protection
Continuous
automatic recovery
INPUT SPECIFICATIONS
Input voltage range
12VDC
9 to 18VDC
24VDC
18 to 36VDC
48VDC
36 to 75VDC
Input filter
Suffix ‘-F’ (See Note 5)
Pi type
Reverse voltage
(See Note 7)
Yes
protection
Max. input rise
Output remains within
5V/ms
and fall time
specification
SPECIFICATIONS
File Name: BXA3.PDF Rev: 02 Oct 2002


Similar Part No. - BXA3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
BXA3 EMERSON-NETWORKPOWER-BXA3 Datasheet
237Kb / 4P
3 Watts in DIL Package
BXA3-12S15J EMERSON-NETWORKPOWER-BXA3-12S15J Datasheet
237Kb / 4P
3 Watts in DIL Package
logo
Artesyn Technologies
BXA3-12S15J ARTESYN-BXA3-12S15J Datasheet
243Kb / 4P
Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
BXA3-12S3V3J EMERSON-NETWORKPOWER-BXA3-12S3V3J Datasheet
237Kb / 4P
3 Watts in DIL Package
logo
Artesyn Technologies
BXA3-12S3V3J ARTESYN-BXA3-12S3V3J Datasheet
243Kb / 4P
Embedded Power for Business-Critical Continuity
More results

Similar Description - BXA3

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
Isolated 3W Wide Input Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RUI MPD-A300RUI Datasheet
89Kb / 2P
3W, Ultra-Wide Input High Isolation DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
3W 1KVDC Isolated Wide Input DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
logo
MicroPower Direct, LLC
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
Wide Input, 3W Ultra-Miniature DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com