Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5X1503 Datasheet (PDF) - Renesas Technology Corp

5X1503 Datasheet PDF - Renesas Technology Corp
Part # 5X1503
Download  5X1503 Download
File Size   593.16 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MicroClock Programmable Clock Generator

5X1503 Datasheet (PDF)

Go To PDF Page Download Datasheet
5X1503 Datasheet PDF - Renesas Technology Corp

Part # 5X1503
Download  5X1503 Click to download

File Size   593.16 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MicroClock Programmable Clock Generator

5X1503 Datasheet (HTML) - Renesas Technology Corp


5X1503 Product details

Description
The 5X1503 is a series of small form factor programmable clock
generators intended for low-power, consumer, battery powered
applications, wearable and smart devices.
The device is a 1 PLL + DCO architecture design with one
embedded crystal. The device is OTP programmable, allowing for
up to 3 unique frequency outputs. The 5X1503 has built-in unique
features such as Proactive Power Saving (PPS) and a low power
DCO to support system date/time keeping clock at 32.768kHz.
Dynamic Frequency Control (DFC) supports dynamically changing
between four different PLL frequencies via external requests with
controlled frequency changes, reducing frequency overshoot and
undershoot (ORT). The 5X1503S device can also support a
spread clock for EMI reduction. For a description of terms and
their functions, see Glossary of Features.
An internal OTP memory allows the user to store up to four
independent configurations that can be loaded on power-up
without programming. It can then be reprogrammed again through
the I2
C interface.
The 5X1503 supports three LVCMOS type outputs. Two outputs
have programmable amplitude. A low-power 32.768kHz clock is
supported with only less than 1.5μA current consumption for
system RTC reference clock needs.

Typical Applications
▪ SmartDevice
▪ Handheld
▪ Wearable applications
▪ Portable Consumer applications

Features
▪ Proactive Power Saving (PPS) features save power during the
end device power-down mode
▪ Dynamic Frequency Control (DFC) feature allows programming
up to 4 difference frequencies that switch dynamically
▪ Programmable output clock amplitude (1V, 1.1V, 1.2V and
1.8V) to support low swing clock requirement
▪ Dedicated 32kHz output with 6 clock amplitude options
(5X1503L)
▪ Integrated crystal; no external input source requirement
▪ Configurable through I2C or OTP programming
▪ Spread spectrum clock support (5X1503S)
▪ 1.8V operating supply voltage
▪ 2 × 2 mm 10-VFQFPN package




Similar Part No. - 5X1503

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5X1503 IDT-5X1503 Datasheet
397Kb / 28P
MicroClock Programmable Clock Generator
5X1503-xxxNLGI IDT-5X1503-xxxNLGI Datasheet
397Kb / 28P
MicroClock Programmable Clock Generator
5X1503-xxxNLGI8 IDT-5X1503-xxxNLGI8 Datasheet
397Kb / 28P
MicroClock Programmable Clock Generator
5X1503L IDT-5X1503L Datasheet
397Kb / 28P
MicroClock Programmable Clock Generator
5X1503L-xxxNLGI IDT-5X1503L-xxxNLGI Datasheet
397Kb / 28P
MicroClock Programmable Clock Generator
More results


Similar Description - 5X1503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
5L2503 IDT-5L2503 Datasheet
433Kb / 29P
MicroClock Programmable Clock Generator
5X2503 IDT-5X2503 Datasheet
414Kb / 30P
MicroClock Programmable Clock Generator
5X1503 IDT-5X1503 Datasheet
397Kb / 28P
MicroClock Programmable Clock Generator
logo
Renesas Technology Corp
5L1503 RENESAS-5L1503 Datasheet
700Kb / 31P
MicroClock Programmable Clock Generator
December 20, 2021
5X2503 RENESAS-5X2503 Datasheet
681Kb / 31P
MicroClock Programmable Clock Generator
Mar 2020
5L2503 RENESAS-5L2503 Datasheet
678Kb / 30P
MicroClock Programmable Clock Generator
October 24, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com