Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5L1503 Datasheet (PDF) - Renesas Technology Corp

5L1503 Datasheet PDF - Renesas Technology Corp
Part # 5L1503
Download  5L1503 Download
File Size   700.22 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MicroClock Programmable Clock Generator

5L1503 Datasheet (PDF)

Go To PDF Page Download Datasheet
5L1503 Datasheet PDF - Renesas Technology Corp

Part # 5L1503
Download  5L1503 Click to download

File Size   700.22 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MicroClock Programmable Clock Generator

5L1503 Datasheet (HTML) - Renesas Technology Corp


5L1503 Product details

Description
The 5L1503 is a series of small form factor programmable clock
generators intended for low-power, consumer, battery powered
applications, wearable and smart devices.
The device is a 1 PLL + DCO architecture design with an external
fundamental crystal or clock input. The device allows up to 3
unique frequency outputs. The 5L1503 has built-in unique
features such as Proactive Power Saving (PPS) and an extreme
low power DCO to support system date/time keeping clock at
32.768kHz. Dynamic Frequency Control (DFC) supports
dynamically changing between four different PLL frequencies via
external requests with controlled frequency changes, reducing
frequency overshoot and undershoot (ORT). The 5L1503S device
can also support a spread clock output for EMI reduction. For a
description of terms and their functions, see Glossary of Features.
An internal OTP memory allows the user to store up to four
independent configurations that can be loaded on power-up
without programming.
The 5L1503 supports three LVCMOS type outputs with
VDDO1.8V, as well as various amplitude clocks. A low-power
32.768kHz clock is supported with only less than 1μA current
consumption for system RTC reference clock needs.

Typical Applications
▪ SmartDevice
▪ Handheld
▪ Wearable applications
▪ Portable Consumer applications

Features
▪ Proactive Power Saving (PPS) features save power during the
end device power-down mode
▪ Dynamic Frequency Control (DFC) feature allows programming
up to 4 difference frequencies that switch dynamically
▪ Multiple output clock amplitude (1V, 1.1V, 1.2V and 1.8V) to
support low swing clock requirement
▪ Dedicated 32kHz output with 6 clock amplitude options
(5L1503L)
▪ Configurable through OTP programming
▪ Spread spectrum clock support (5L1503S)
▪ 1.8V operating supply voltage
▪ 2 × 2 mm 10-VFQFPN package




Similar Part No. - 5L1503

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5L100-DO YFWDIODE-5L100-DO Datasheet
809Kb / 3P
Trench MOS Barrier Schottky Rectifier
5L100-DO-201AD YFWDIODE-5L100-DO-201AD Datasheet
809Kb / 3P
Trench MOS Barrier Schottky Rectifier
5L100AF YFWDIODE-5L100AF Datasheet
660Kb / 3P
Trench MOS Barrier Schottky Rectifier
5L100AF-SMAF YFWDIODE-5L100AF-SMAF Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier
More results


Similar Description - 5L1503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
5L2503 IDT-5L2503 Datasheet
433Kb / 29P
MicroClock Programmable Clock Generator
5X2503 IDT-5X2503 Datasheet
414Kb / 30P
MicroClock Programmable Clock Generator
5X1503 IDT-5X1503 Datasheet
397Kb / 28P
MicroClock Programmable Clock Generator
logo
Renesas Technology Corp
5X1503 RENESAS-5X1503 Datasheet
593Kb / 29P
MicroClock Programmable Clock Generator
June 19, 2019
5X2503 RENESAS-5X2503 Datasheet
681Kb / 31P
MicroClock Programmable Clock Generator
Mar 2020
5L2503 RENESAS-5L2503 Datasheet
678Kb / 30P
MicroClock Programmable Clock Generator
October 24, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com