Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0103MUF Datasheet (PDF) - STMicroelectronics

Z0103MUF Datasheet PDF - STMicroelectronics
Part # Z0103MUF
Download  Z0103MUF Download
File Size   296.07 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard 1 A Triacs

Z0103MUF Datasheet (PDF)

Go To PDF Page Download Datasheet
Z0103MUF Datasheet PDF - STMicroelectronics

Part # Z0103MUF
Download  Z0103MUF Click to download

File Size   296.07 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard 1 A Triacs

Z0103MUF Datasheet (HTML) - STMicroelectronics


Z0103MUF Product details

Description
The Z01 series is suitable for general purpose AC switching applications. These
devices are typically used in applications such as home appliances (electrovalve,
pump, door lock, small lamp control), fan speed controllers,...
Different gate current sensitivities are available, allowing optimized performance
when driven directly through microcontroller.

Features
• On-state rms current, IT(RMS) 1 A
• Repetitive peak off-state voltage, VDRM/VRRM 600 or 800 V
• Triggering gate current, IGT (Q1) 3 to 25 mA

Applications
• AC switching
• Home appliances




Similar Part No. - Z0103MUF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0103MUF STMICROELECTRONICS-Z0103MUF Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
Z0103MUF1AA2 STMICROELECTRONICS-Z0103MUF1AA2 Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
Z0103MUF2AL2 STMICROELECTRONICS-Z0103MUF2AL2 Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
Z0103MUF5AA4 STMICROELECTRONICS-Z0103MUF5AA4 Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
Z0103MUF5AL2 STMICROELECTRONICS-Z0103MUF5AL2 Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
More results


Similar Description - Z0103MUF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
Standard 0.8 A Triacs
12-Apr-2007
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
1 A Triacs
10-Oct-2006
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
25 A standard and Snubberless™ triacs
05-Jul-2007
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
logo
STMicroelectronics
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
Standard 0.8 A Triacs
19-Jun-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com