Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD650P06NM Datasheet (PDF) - Infineon Technologies AG

IPD650P06NM Datasheet PDF - Infineon Technologies AG
Part # IPD650P06NM
Download  IPD650P06NM Download
File Size   913.19 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM Power Transistor, -60 V

IPD650P06NM Datasheet (PDF)

Go To PDF Page Download Datasheet
IPD650P06NM Datasheet PDF - Infineon Technologies AG

Part # IPD650P06NM
Download  IPD650P06NM Click to download

File Size   913.19 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM Power Transistor, -60 V

IPD650P06NM Datasheet (HTML) - Infineon Technologies AG


IPD650P06NM Product details

Features
• P-Channel
• Very low on-resistance RDS(on)
• 100% avalanche tested
• Normal Level
• Enhancement mode
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - IPD650P06NM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
logo
Inchange Semiconductor ...
IPD65R190C7 ISC-IPD65R190C7 Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD65R1K0CE INFINEON-IPD65R1K0CE Datasheet
969Kb / 14P
650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-26
logo
Inchange Semiconductor ...
IPD65R1K0CE ISC-IPD65R1K0CE Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD65R1K4C6 INFINEON-IPD65R1K4C6 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-07-26
More results


Similar Description - IPD650P06NM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC028N06NST INFINEON-BSC028N06NST Datasheet
1Mb / 12P
OptiMOSTM Power-Transistor, 60 V
Rev.2.1,2017-10-19
IPD380P06NM INFINEON-IPD380P06NM Datasheet
919Kb / 10P
OptiMOSTM Power Transistor, -60 V
Rev.2.0,2019-03-28
BSC014N06NSSC INFINEON-BSC014N06NSSC Datasheet
982Kb / 11P
MOSFET OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2019-11-12
IQE030N06NM5CGSC INFINEON-IQE030N06NM5CGSC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-05-02
IQE030N06NM5SC INFINEON-IQE030N06NM5SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-05-02
ISC240P06LM INFINEON-ISC240P06LM Datasheet
1Mb / 11P
OptiMOSTM Power Transistor, -60 V
Rev. 2.0, 2022-10-10
IPD40DP06NM INFINEON-IPD40DP06NM Datasheet
890Kb / 10P
MOSFET OptiMOSTM Power Transistor, -60 V
Rev. 2.0, 2019-03-26
IPTC007N06NM5 INFINEON-IPTC007N06NM5 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-09-27
IPTC012N06NM5 INFINEON-IPTC012N06NM5 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-09-27
IST015N06NM5 INFINEON-IST015N06NM5 Datasheet
892Kb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-04-28
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com